データシートサーチシステム |
|
MC10EP16MNR4 データシート(PDF) 6 Page - ON Semiconductor |
|
MC10EP16MNR4 データシート(HTML) 6 Page - ON Semiconductor |
6 / 11 page MC10EP16, MC100EP16 http://onsemi.com 6 Table 9. 100EP DC CHARACTERISTICS, NECL VCC = 0 V; VEE = −5.5 V to −3.0 V (Note 17) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 17 25 36 17 25 36 22 26 38 mA VOH Output HIGH Voltage (Note 18) −1145 −1020 −895 −1145 −1020 −895 −1145 −1020 −895 mV VOL Output LOW Voltage (Note 18) −1945 −1820 −1695 −1945 −1820 −1695 −1945 −1820 −1695 mV VIH Input HIGH Voltage (Single−Ended) −1225 −880 −1225 −880 −1225 −880 mV VIL Input LOW Voltage (Single−Ended) −1945 −1625 −1945 −1625 −1945 −1625 mV VBB Output Voltage Reference −1525 −1425 −1325 −1525 −1425 −1325 −1525 −1425 −1325 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 19) VEE + 2.0 0.0 VEE + 2.0 0.0 VEE + 2.0 0.0 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current D D 0.5 −150 0.5 −150 0.5 −150 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 17.Input and output parameters vary 1:1 with VCC. 18.All loading with 50 W to VCC −2.0 V. 19.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Table 10. AC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V to −5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 20) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit fmax Maximum Frequency (Figure 2) > 4 > 4 > 4 GHz tPLH, tPHL Propagation Delay to Output Differential 150 220 280 150 220 280 160 240 300 ps tSKEW Duty Cycle Skew (Note 21) 5.0 20 5.0 20 5.0 20 ps tJITTER Cycle−to−Cycle Jitter (Figure 2) 0.2 < 1 0.2 < 1 0.2 < 1 ps VPP Input Voltage Swing (Differential Configuration) 150 800 1200 150 800 1200 150 800 1200 mV tr tf Output Rise/Fall Times Q, Q (20% − 80%) 70 120 170 80 130 180 100 150 200 ps NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 20.Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V. 21.Skew is measured between outputs under identical transitions. Duty cycle skew is defined only for differential operation when the delays are measured from the cross point of the inputs to the cross point of the outputs. |
同様の部品番号 - MC10EP16MNR4 |
|
同様の説明 - MC10EP16MNR4 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |