データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XC9511 データシート(PDF) 1 Page - Torex Semiconductor

部品番号 XC9511
部品情報  Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOREX [Torex Semiconductor]
ホームページ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9511 データシート(HTML) 1 Page - Torex Semiconductor

  XC9511 Datasheet HTML 1Page - Torex Semiconductor XC9511 Datasheet HTML 2Page - Torex Semiconductor XC9511 Datasheet HTML 3Page - Torex Semiconductor XC9511 Datasheet HTML 4Page - Torex Semiconductor XC9511 Datasheet HTML 5Page - Torex Semiconductor XC9511 Datasheet HTML 6Page - Torex Semiconductor XC9511 Datasheet HTML 7Page - Torex Semiconductor XC9511 Datasheet HTML 8Page - Torex Semiconductor XC9511 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
February 2, 2004 V5
Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
Preliminary
! Synchronous step-down DC/DC converter
! APPLICATIONS
with built-in LDO regulator plus voltage detector
" CD-R / RW, DVD
! Step-down DC/DC converter's output connected in parallel
" HDD
with LDO regulator
" PDAs, portable communication modem
! SOP-8 package for high current
" Cellular phones
! Small-footprint
" Palmtop computers
! Output Current (DC/DC : 800mA, VR : 400mA)
" Cameras, video recorders
! Ceramic capacitor compatible (Low ESR capacitors)
! GENERAL DESCRIPTION
! FEATURES
Input Voltage Range :
2.4V ~ 6.0V
Load Capacitors :
Ceramic Capacitor Compatible
(Low ESR Capacitors)
VD Function :
Detects output voltage from the VDOUT pin
while sensing either VDD, DCOUT,
or VROUT internally.
Nch Open Drain Output
<DC/DC Converter>
Output Voltage Range : 0.9V ~ 4.0V (Accuracy
±2%)
Output Current :
800mA
Controls :
PWM Control
Oscillation Frequency : 300kHz, 600kHz, 1.2MHz
<Regulator>
Output Voltage Range : 0.9V ~ 4.0V (Accuracy
±2%)
Current Limit
600mA
Dropout Voltage :
160mV @ IOUT=200mA (VOUT=2.8V)
High Ripple Rejection
60dB @1kHz (VOUT=2.8V)
! TYPICAL APPLICATION CIRCUIT
! TYPICAL PERFORMANCE CHARACTERISTICS
XC9511 Series
PWM, PWM / PFM Automatic
Switching External
The XC9511 series consists of a step-down DC/DC converter and a
high-speed LDO regulator connected in parallel with the DC/DC
converter's output. A voltage detector is also built-in. Since the input
for the LDO voltage regulator block comes from the input power
supply, it is suited for use with various applications.
The DC/DC converter block incorporates a P-Channel driver transistor
and a synchronous N-Channel switching transistor. With an external
coil, diode and two capacitors, the XC9511 can deliver output currents
up to 800mA at efficiencies over 90%. The XC9511 is designed for
use with small ceramic capacitors.
A choice of three switching frequencies are available, 300 kHz,
600 kHz, and 1.2 MHz.
Output voltage settings for the DC/DC and VR are set-up internally in
100mV steps within the range of 0.9V to 4.0V (± 2.0%). For the VD,
the range is of 0.9V to 5.0V (± 2.0%).
The soft start time of the series is internally set to 5ms. With the built-
in U.V.L.O. (Under Voltage Lock Out) function, the internal P-channel
driver transistor is forced OFF when input voltage becomes 1.4 V or
lower.
SOP-8 (TOP VIEW)
Semiconductor Ltd.
XC9511Axxxx
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
DC/DC Output Current IDOUT
DC/DC Efficiency
(DCOUT:3.3V, 1.2MHz)
VIN=5.0V, Topr=25OC, L:4.7uH(CDRH4D28C)
CIN:4.7uF(ceramic), CL1:10uF(ceramic), CL2:1uF(ceramic)
1
2
3
4
8
7
5
6
AVDD
PVDD
AGND
LX
DCOUT
VROUT
VDOUT
PGND
VROUT
L
CL2
DCOUT
SD
CIN1
( )
CL1
CIN2
+
+
+
+
Data Sheet
1


同様の部品番号 - XC9511

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC9511 TOREX-XC9511 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511A1433 TOREX-XC9511A1433 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511A1434 TOREX-XC9511A1434 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511A1463 TOREX-XC9511A1463 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511A1464 TOREX-XC9511A1464 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
More results

同様の説明 - XC9511

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9509 TOREX-XC9509_1 Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9248 TOREX-XC9248 Datasheet
571Kb / 21P
   18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com