データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10EP101FAG データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC10EP101FAG
部品情報  3.3V / 5V ECL Quad 4?묲nput OR/NOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP101FAG データシート(HTML) 2 Page - ON Semiconductor

  MC10EP101FAG Datasheet HTML 1Page - ON Semiconductor MC10EP101FAG Datasheet HTML 2Page - ON Semiconductor MC10EP101FAG Datasheet HTML 3Page - ON Semiconductor MC10EP101FAG Datasheet HTML 4Page - ON Semiconductor MC10EP101FAG Datasheet HTML 5Page - ON Semiconductor MC10EP101FAG Datasheet HTML 6Page - ON Semiconductor MC10EP101FAG Datasheet HTML 7Page - ON Semiconductor MC10EP101FAG Datasheet HTML 8Page - ON Semiconductor MC10EP101FAG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC10EP101, MC100EP101
http://onsemi.com
2
NC
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12345678
24
23
22
21
20
19
18
17
16
MC10EP101
MC100EP101
VEE
D3d
D3c
VCC
D3b
D3a
D2d
VCC
VCC
Q0
Q0
VEE
D0a
D0b
D0c
VCC
Q3
Q3
Q2
Q2
Q1
VCC
D2c
D2b
D2a
D1d
D1c
D1b
D0d D1a
Figure 1. 32−Lead LQFP Pinout (Top View)
Q1
Warning: All VCC and VEE pins must be externally connected to
Power Supply to guarantee proper operation.
Table 1. PIN DESCRIPTION
PIN
D0a*−D3d*
Q0−Q3, Q0−Q3
ECL Data Outputs
FUNCTION
ECL Data Inputs
VCC
Positive Supply
VEE
Negative Supply
D0a
D0b
D0c
D0d
D1a
D1b
D1c
D1d
D2a
D2b
D2c
D2d
D3a
D3b
D3c
D3d
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Dna
Dnb
Dnc
Dnd
Qn
Qn
LL
L
L
L
H
H
XXX
H
L
XH
X
X
H
L
X
X
HX
HL
X
XXH
H
L
H
HHH
HL
Table 2. TRUTH TABLE
NC
No Connect
VEE
* Pins will default LOW when left open.
NC
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
16
VEE D3d D3c VCC D3b D3a D2d
VCC VCC Q0 Q0 VEE D0a D0b D0c
VCC
Q2
VCC
D2c
D2b
D2a
D1d
D1c
D1b
D0d
D1a
Q1
Q2
Q3
Q3
Q1
MC10EP101
MC100EP101
Figure 2. 32−Lead QFN Pinout (Top View)
Figure 3. Logic Diagram
The Exposed Pad (EP) on the
QFN−32 package bottom is
thermally connected to the die
for improved heat transfer out
of package. The exposed pad
must be attached to a heat−
sinking conduit. The pad is
electrically connected to VEE.
EP for QFN−32,
only


同様の部品番号 - MC10EP101FAG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP101FA ONSEMI-MC10EP101FA Datasheet
112Kb / 8P
   Quad 4-Input OR/NOR
March, 2000 ??Rev. 1
MC10EP101FAR2 ONSEMI-MC10EP101FAR2 Datasheet
112Kb / 8P
   Quad 4-Input OR/NOR
March, 2000 ??Rev. 1
More results

同様の説明 - MC10EP101FAG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP01 ONSEMI-MC10EP01_06 Datasheet
156Kb / 10P
   3.3V / 5V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 8
MC100LVEL01 ONSEMI-MC100LVEL01_06 Datasheet
134Kb / 7P
   3.3V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 3
MC10EP01 ONSEMI-MC10EP01 Datasheet
83Kb / 10P
   3.3V / 5V ECL 4-Input OR/NOR
June, 2004 ??Rev. 6
MC10E101 ONSEMI-MC10E101_06 Datasheet
124Kb / 7P
   5VECL Quad 4-Input OR/NOR Gate
November, 2006 ??Rev. 8
MC10E101 ONSEMI-MC10E101 Datasheet
69Kb / 8P
   5V ECL Quad 4짯Input OR/NOR Gate
November, 2003 ??Rev. 5
MC10EL01 ONSEMI-MC10EL01_06 Datasheet
144Kb / 9P
   5V ECL 4-Input OR/NOR
December, 2006 ??Rev. 5
MC10EP105 ONSEMI-MC10EP105_06 Datasheet
160Kb / 11P
   3.3V / 5V ECL Quad 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 11
logo
Micrel Semiconductor
SY10EP01V MICREL-SY10EP01V_06 Datasheet
491Kb / 6P
   5V/3.3V 4-INPUT OR/NOR
SY10EP01V MICREL-SY10EP01V Datasheet
80Kb / 5P
   5V/3.3V 4-INPUT OR/NOR
logo
ON Semiconductor
MC10EP05 ONSEMI-MC10EP05_06 Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com