データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EP446FAG データシート(PDF) 6 Page - ON Semiconductor

部品番号 MC100EP446FAG
部品情報  3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP446FAG データシート(HTML) 6 Page - ON Semiconductor

Back Button MC100EP446FAG Datasheet HTML 2Page - ON Semiconductor MC100EP446FAG Datasheet HTML 3Page - ON Semiconductor MC100EP446FAG Datasheet HTML 4Page - ON Semiconductor MC100EP446FAG Datasheet HTML 5Page - ON Semiconductor MC100EP446FAG Datasheet HTML 6Page - ON Semiconductor MC100EP446FAG Datasheet HTML 7Page - ON Semiconductor MC100EP446FAG Datasheet HTML 8Page - ON Semiconductor MC100EP446FAG Datasheet HTML 9Page - ON Semiconductor MC100EP446FAG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MC10EP446, MC100EP446
http://onsemi.com
6
Table 7. 10EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 2)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
90
110
140
90
110
140
95
115
145
mA
VOH
Output HIGH Voltage (Note 3)
2165 2290 2415 2230 2355 2480 2290 2415 2540
mV
VOL
Output LOW Voltage (Note 3)
1365 1490 1615 1430 1555 1680 1490 1615 1740
mV
VIH
Input HIGH Voltage (Single−Ended)
CMOS
PECL
TTL
2000
2090
2000
3300
3300
3300
2000
2155
2000
3300
3300
3300
2000
2215
2000
3300
3300
3300
mV
VIL
Input LOW Voltage (Single−Ended)
CMOS
PECL
TTL
0
1365
0
800
1690
800
0
1460
0
800
1755
800
0
1490
0
800
1815
800
mV
VBB
Output Voltage Reference
1790 1840 1990 1855 1905 2055 1915 1965 2115
mV
VIHCMR
Input HIGH Voltage Common Mode Range (Dif-
ferential Configuration) (Note 4)
2.0
3.3
2.0
3.3
2.0
3.3
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
(All Except SYNC, SYNC)
SYNC, SYNC
0.5
−150
0.5
0.5
−150
0.5
0.5
−150
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
2. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −2.2 V.
3. All loading with 50 W to VCC − 2.0 V.
4. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


同様の部品番号 - MC100EP446FAG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EP446FAG ONSEMI-MC100EP446FAG Datasheet
191Kb / 20P
   8?륛it CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2014 ??Rev. 11
More results

同様の説明 - MC100EP446FAG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP446 ONSEMI-MC10EP446_14 Datasheet
191Kb / 20P
   8?륛it CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2014 ??Rev. 11
MC10EP446 ONSEMI-MC10EP446 Datasheet
173Kb / 20P
   3.3V/5V 8짯Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2004 ??Rev. 5
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP142 ONSEMI-MC10EP142 Datasheet
176Kb / 13P
   3.3 V / 5 V ECL 9-Bit Shift Register
November, 2006 ??Rev. 16
MC100EP142 ONSEMI-MC100EP142 Datasheet
219Kb / 11P
   3.3 V/5 V ECL 9-Bit Shift Register
April, 2021 ??Rev. 19
logo
Exar Corporation
MP7543 EXAR-MP7543 Datasheet
128Kb / 12P
   5 V CMOS Serial Input 12-Bit Digital-to-Analog Converter
logo
ON Semiconductor
MC100LVEL90 ONSEMI-MC100LVEL90_16 Datasheet
149Kb / 5P
   -3.3V / -5V Triple ECL Input to LVPECL Output Translator
July, 2016 ??Rev. 12
MC100EPT25 ONSEMI-MC100EPT25_16 Datasheet
166Kb / 8P
   -3.3V / -5V Differential ECL to 3.3V LVTTL Translator
August, 2016 ??Rev. 17
MC10E137 ONSEMI-MC10E137_06 Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com