データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10H189 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC10H189
部品情報  Hex Inverter with Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H189 データシート(HTML) 2 Page - ON Semiconductor

  MC10H189 Datasheet HTML 1Page - ON Semiconductor MC10H189 Datasheet HTML 2Page - ON Semiconductor MC10H189 Datasheet HTML 3Page - ON Semiconductor MC10H189 Datasheet HTML 4Page - ON Semiconductor MC10H189 Datasheet HTML 5Page - ON Semiconductor MC10H189 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC10H189
http://onsemi.com
2
Table 1. MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0)
−8.0 to 0
Vdc
VI
Input Voltage (VCC = 0)
0 to VEE
Vdc
Iout
Output Current
− Continuous
− Surge
50
100
mA
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range − Plastic
− Ceramic
−55 to +150
−55 to +165
°C
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
Table 2. ELECTRICAL CHARACTERISTICS (VEE = −5.2 V ±5%) (Note 1)
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Power Supply Current
46
42
46
mA
IinH
Input Current High
495
310
310
mA
IinL
Input Current Low
0.5
0.5
0.3
mA
VOH
High Output Voltage
−1.02
−0.84
−0.98
−0.81
−0.92
−0.735
Vdc
VOL
Low Output Voltage
−1.95
−1.63
−1.95
−1.63
−1.95
−1.60
Vdc
VIH
High Input Voltage
−1.17
−0.84
−1.13
−0.81
−1.07
−0.735
Vdc
VIL
Low Input Voltage
−1.95
−1.48
−1.95
−1.48
−1.95
−1.45
Vdc
1. Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
Outputs are terminated through a 50 W resistor to −2.0 V.
Table 3. AC PARAMETERS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
Enable
Data
0.7
0.7
2.2
1.9
0.7
0.7
2.2
1.9
0.7
0.7
2.3
1.9
ns
tr
Rise Time
0.7
2.4
0.7
2.4
0.7
2.4
ns
tf
Fall Time
0.7
2.4
0.7
2.4
0.7
2.4
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


同様の部品番号 - MC10H189

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H189 ONSEMI-MC10H189 Datasheet
97Kb / 3P
   Hex Inverter with Enable
1996 REV 6
More results

同様の説明 - MC10H189

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H189 ONSEMI-MC10H189 Datasheet
97Kb / 3P
   Hex Inverter with Enable
1996 REV 6
MC10189 ONSEMI-MC10189_02 Datasheet
86Kb / 4P
   Hex Inverter With Enable
January, 2002 ??Rev. 7
MC10189 ONSEMI-MC10189 Datasheet
101Kb / 4P
   Hex Inverter With Enable
1996 REV 5
MC10H188 ONSEMI-MC10H188 Datasheet
96Kb / 3P
   Hex Buffer with Enable
1996 REV 5
logo
Motorola, Inc
MC10188 MOTOROLA-MC10188 Datasheet
101Kb / 4P
   Hex Buffer With Enable
logo
ON Semiconductor
MC10H188 ONSEMI-MC10H188_06 Datasheet
152Kb / 6P
   Hex Buffer with Enable
February, 2006 ??Rev. 7
MC10188 ONSEMI-MC10188 Datasheet
68Kb / 4P
   Hex Buffer With Enable
March, 2000 ??Rev. 6
logo
STMicroelectronics
T74LS378 STMICROELECTRONICS-T74LS378 Datasheet
344Kb / 4P
   Hex Parallel D register with enable
logo
NXP Semiconductors
10188 PHILIPS-10188 Datasheet
180Kb / 4P
   Hex Buffer with Enable (Non-Inverting)
June 14 1990
74F378 PHILIPS-74F378 Datasheet
81Kb / 10P
   Hex D flip-flop with enable
1989 Oct 05
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com