データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EPT20DTG データシート(PDF) 7 Page - ON Semiconductor

部品番号 MC100EPT20DTG
部品情報  3.3V LVTTL/LVCMOS to Differential LVPECL Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT20DTG データシート(HTML) 7 Page - ON Semiconductor

Back Button MC100EPT20DTG Datasheet HTML 2Page - ON Semiconductor MC100EPT20DTG Datasheet HTML 3Page - ON Semiconductor MC100EPT20DTG Datasheet HTML 4Page - ON Semiconductor MC100EPT20DTG Datasheet HTML 5Page - ON Semiconductor MC100EPT20DTG Datasheet HTML 6Page - ON Semiconductor MC100EPT20DTG Datasheet HTML 7Page - ON Semiconductor MC100EPT20DTG Datasheet HTML 8Page - ON Semiconductor MC100EPT20DTG Datasheet HTML 9Page - ON Semiconductor MC100EPT20DTG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC10EPT20, MC100EPT20
http://onsemi.com
7
ORDERING INFORMATION
Device
Package
Shipping
MC10EPT20D
SO−8
98 Units / Rail
MC10EPT20DG
SO−8
(Pb−Free)
98 Units / Rail
MC10EPT20DR2
SO−8
2500 / Tape & Reel
MC10EPT20DR2G
SO−8
(Pb−Free)
2500 / Tape & Reel
MC10EPT20DT
TSSOP−8
100 Units / Rail
MC10EPT20DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC10EPT20DTR2
TSSOP−8
2500 / Tape & Reel
MC10EPT20DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC10EPT20MNR4
DFN8
1000 / Tape & Reel
MC10EPT20MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
MC100EPT20D
SO−8
98 Units / Rail
MC100EPT20DG
SO−8
(Pb−Free)
98 Units / Rail
MC100EPT20DR2
SO−8
2500 / Tape & Reel
MC100EPT20DR2G
SO−8
(Pb−Free)
2500 / Tape & Reel
MC100EPT20DT
TSSOP−8
100 Units / Rail
MC100EPT20DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC100EPT20DTR2
TSSOP−8
2500 / Tape & Reel
MC100EPT20DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC100EPT20MNR4
DFN8
1000 / Tape & Reel
MC100EPT20MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


同様の部品番号 - MC100EPT20DTG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EPT20DTG ONSEMI-MC100EPT20DTG Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC100EPT20DTG ONSEMI-MC100EPT20DTG Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
More results

同様の説明 - MC100EPT20DTG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
   3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_10 Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_07 Datasheet
80Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
March, 2007 ??Rev. 5
logo
Integrated Device Techn...
85320 IDT-85320 Datasheet
215Kb / 16P
   LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
ICS85320AMILF IDT-ICS85320AMILF Datasheet
1Mb / 16P
   LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_05 Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com