データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10H103PG データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC10H103PG
部品情報  Quad 2?묲nput OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H103PG データシート(HTML) 1 Page - ON Semiconductor

  MC10H103PG Datasheet HTML 1Page - ON Semiconductor MC10H103PG Datasheet HTML 2Page - ON Semiconductor MC10H103PG Datasheet HTML 3Page - ON Semiconductor MC10H103PG Datasheet HTML 4Page - ON Semiconductor MC10H103PG Datasheet HTML 5Page - ON Semiconductor MC10H103PG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 7
1
Publication Order Number:
MC10H103/D
MC10H103
Quad 2−Input OR Gate
Description
The MC10H103 is a quad 2−input OR gate. The MC10H103
provides one gate with OR/NOR outputs. This MECL 10H
™ part is a
functional/pinout duplication of the standard MECL 10K
™ family
part, with 100% improvement in propagation delay, and no increases
in power− supply current.
Features
Propagation Delay, 1.0 ns Typical
Power Dissipation 25 mW/Gate (same as MECL 10K)
Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
Voltage Compensated
MECL 10K Compatible
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
CDIP−16
L SUFFIX
CASE 620A
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
SOEIAJ−16
CASE 966
16
1
16
1
MC10H103P
AWLYYWWG
1
16
MC10H103L
AWLYYWW
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G= Pb−Free Package
10H103
ALYWG
PLLC−20
FN SUFFIX
CASE 775
20 1
10H103G
AWLYYWW
120


同様の部品番号 - MC10H103PG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H100 ONSEMI-MC10H100 Datasheet
110Kb / 4P
   Quad 2 - input NOR GATE With strobe
March, 2000 ??Rev. 6
MC10H100 ONSEMI-MC10H100 Datasheet
144Kb / 5P
   Quad 2?묲nput NOR Gate With Strobe
February, 2006 ??Rev. 7
logo
Motorola, Inc
MC10H100FN MOTOROLA-MC10H100FN Datasheet
708Kb / 12P
   Bi-Quinary Counter
MC10H100FN MOTOROLA-MC10H100FN Datasheet
502Kb / 7P
   TRIPLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC10H100FN ONSEMI-MC10H100FN Datasheet
110Kb / 4P
   Quad 2 - input NOR GATE With strobe
March, 2000 ??Rev. 6
More results

同様の説明 - MC10H103PG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2_05 Datasheet
122Kb / 5P
   Single Gate 2?묲nput OR Gate
September, 2005 ??Rev. 2
NL27WZ32 ONSEMI-NL27WZ32_06 Datasheet
63Kb / 5P
   Dual 2?묲nput OR Gate
April, 2006 ??Rev. 6
NL17SZ32 ONSEMI-NL17SZ32_06 Datasheet
115Kb / 6P
   Single 2?묲nput OR Gate
March, 2006 ??Rev. 6
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC10H104 ONSEMI-MC10H104_06 Datasheet
150Kb / 6P
   Quad 2?묲nput AND Gate
February, 2006 ??Rev. 8
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHCT08A ONSEMI-MC74VHCT08A_06 Datasheet
95Kb / 6P
   Quad 2?묲nput AND Gate
March, 2006 ??Rev. 5
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
92Kb / 6P
   Quad 2?묲nput NAND Gate
January, 2006 ??Rev. 5
MC74VHC08 ONSEMI-MC74VHC08 Datasheet
92Kb / 6P
   Quad 2?묲nput AND Gate
November, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com