データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJW21192 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MJW21192
部品情報  8.0 A POWER TRANSISTORS COMPLEMENTARY SILICON 150 V, 125 W
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJW21192 データシート(HTML) 2 Page - ON Semiconductor

  MJW21192 Datasheet HTML 1Page - ON Semiconductor MJW21192 Datasheet HTML 2Page - ON Semiconductor MJW21192 Datasheet HTML 3Page - ON Semiconductor MJW21192 Datasheet HTML 4Page - ON Semiconductor MJW21192 Datasheet HTML 5Page - ON Semiconductor MJW21192 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJW21192 (NPN), MJW21191 (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 1)
(IC = 10 mAdc, IB = 0)
VCEO(sus)
150
Vdc
Collector Cutoff Current
(VCB = 250 Vdc, IE = 0)
ICES
10
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
10
mAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 4.0 Adc, VCE = 2.0 Vdc)
(IC = 8.0 Adc, VCE = 2.0 Vdc)
hFE
15
5.0
100
Collector−Emitter Saturation Voltage
(IC = 4.0 Adc, IB = 0.4 Adc)
(IC = 8.0 Adc, IB = 1.6 Adc)
VCE(sat)
1.0
2.0
Vdc
Base−Emitter On Voltage
(IC = 4.0 Adc, VCE = 2.0 Vdc)
VBE(on)
2.0
Vdc
DYNAMIC CHARACTERISTICS
Current Gain − Bandwidth Product (Note 2)
(IC = 1.0 Adc, VCE = 10 Vdc, ftest = 1.0 MHz)
fT
4.0
MHz
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
2. fT = ⎪hfe⎪• ftest.
ZθJC(t) = r(t) RθJC
RθJC = 1.65°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) ZθJC(t)
P(pk)
t1
t2
DUTY
CYCLE,
D = t1/t2
Figure 2. Thermal Response
t, TIME (s)
1.0
0.1
D = 0.5
0.00001
0.0001
0.001
0.01
0.1
1.0
10
0.2
0.05
0.02
0.01
100
1000
0.01
0.1
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation, i.e., the transistor must not be subjected to greater
dissipation then the curves indicate.
The data of Figures 3 and 4 is based on TJ(pk) = 150_C;
TC is variable depending on conditions. Second breakdown
pulse limits are valid for duty cycles to 10% provided TJ(pk)
< 150
_C. TJ(pk) may be calculated from the data in
Figure 2. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.


同様の部品番号 - MJW21192

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MJW21192 MOTOROLA-MJW21192 Datasheet
150Kb / 8P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS
logo
ON Semiconductor
MJW21192 ONSEMI-MJW21192 Datasheet
150Kb / 8P
   POWER TRANSISTORS COMPLEMENTARY SILICON
logo
Savantic, Inc.
MJW21192 SAVANTIC-MJW21192 Datasheet
117Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
MJW21192 ISC-MJW21192 Datasheet
242Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
MJW21192 SAVANTIC-MJW21192 Datasheet
119Kb / 3P
   Silicon NPN Power Transistors
More results

同様の説明 - MJW21192

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MJW21192 MOTOROLA-MJW21192 Datasheet
150Kb / 8P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS
logo
ON Semiconductor
MJW21193 ONSEMI-MJW21193_05 Datasheet
74Kb / 8P
   16 A COMPLEMENTARY SILICON POWER TRANSISTORS 250 V, 200 W
July, 2005 ??Rev. 2
MJL21195 ONSEMI-MJL21195_05 Datasheet
164Kb / 8P
   16 A COMPLEMENTARY SILICON POWER TRANSISTORS 250 V, 200 W
June, 2005 ??Rev. 3
2N3773 ONSEMI-2N3773_13 Datasheet
125Kb / 5P
   NPN Power Transistors 16 A NPN POWER TRANSISTORS 140 V, 150 W
April, 2013 ??Rev. 11
MJF122 ONSEMI-MJF122 Datasheet
155Kb / 7P
   COMPLEMENTARY SILICON POWER DARLINGTONS 5.0 A, 100 V, 30 W
April, 2006 ??Rev. 5
logo
Motorola, Inc
MJE15032 MOTOROLA-MJE15032 Datasheet
141Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS
logo
ON Semiconductor
MJE15032 ONSEMI-MJE15032_05 Datasheet
75Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com