データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100H601FNG データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC100H601FNG
部品情報  9?묪it ECL to TTL Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H601FNG データシート(HTML) 4 Page - ON Semiconductor

  MC100H601FNG Datasheet HTML 1Page - ON Semiconductor MC100H601FNG Datasheet HTML 2Page - ON Semiconductor MC100H601FNG Datasheet HTML 3Page - ON Semiconductor MC100H601FNG Datasheet HTML 4Page - ON Semiconductor MC100H601FNG Datasheet HTML 5Page - ON Semiconductor MC100H601FNG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC10H601, MC100H601
http://onsemi.com
4
Table 6. AC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = −5.2 V ± 5% (10H version); VEE = −4.2 V to −5.5 V (100H version)
Symbol
Parameter
Condition
0°C
25°C
85°C
Unit
Min
Max
Min
Max
Min
Max
tPLH
tPHL
Propagation Delay
to Output
CL = 50 pF
CL = 200 pF
1.7
3.4
4.8
9.6
1.7
3.4
4.8
9.6
1.7
3.4
4.8
9.6
ns
ns
tPLZ
tPHZ
Output Disable Time
OEECL
CL = 50 pF
CL = 200 pF
3.7
5.4
6.5
13
3.7
5.4
6.5
13
3.7
5.4
6.5
13
ns
ns
tPLZ
tPHZ
OETTL
CL = 50 pF
CL = 200 pF
4.3
7.0
7.5
15
4.3
7.0
7.5
15
4.3
7.0
7.5
15
ns
ns
tPZL
tPZH
Output Enable Time
OEECL
CL = 50 pF
CL = 200 pF
3.5
5.0
6.0
12
3.5
5.0
6.0
12
3.5
5.0
6.0
12
ns
ns
tPZL
tPZH
OETTL
CL = 50 pF
CL = 200 pF
4.2
6.0
7.0
14
4.2
6.0
7.0
14
4.2
6.0
7.0
14
ns
ns
tR
tF
Output Rise/Fall Time
1.0 V−2.0 V
CL = 50 pF
CL = 200 pF
1.2
3.0
1.2
3.0
1.2
3.0
ns
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
ORDERING INFORMATION
Device
Package
Shipping
MC10H601FN
PLCC−28
37 Units / Rail
MC10H601FNG
PLCC−28
(Pb−Free)
37 Units / Rail
MC10H601FNR2
PLCC−28
500 / Tape & Reel
MC10H601FNR2G
PLCC−28
(Pb−Free)
500 / Tape & Reel
MC100H601FN
PLCC−28
37 Units / Rail
MC100H601FNG
PLCC−28
(Pb−Free)
37 Units / Rail
MC100H601FNR2
PLCC−28
500 / Tape & Reel
MC100H601FNR2G
PLCC−28
(Pb−Free)
500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


同様の部品番号 - MC100H601FNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100H600 ONSEMI-MC100H600 Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC100H600 ONSEMI-MC100H600 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC100H600FN ONSEMI-MC100H600FN Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC100H600FN ONSEMI-MC100H600FN Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC100H600FNG ONSEMI-MC100H600FNG Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
More results

同様の説明 - MC100H601FNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H600 ONSEMI-MC10H600_06 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC10H602 ONSEMI-MC10H602_06 Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H603 ONSEMI-MC10H603_06 Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
MC10H600 ONSEMI-MC10H600 Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC10H602 ONSEMI-MC10H602 Datasheet
86Kb / 4P
   9-Bit Latch TTL/ECL Translator
1996 REV 5
MC10H603 ONSEMI-MC10H603 Datasheet
89Kb / 5P
   9-Bit Latch ECL/TTL Translator
1996 REV 5
logo
National Semiconductor ...
F100125 NSC-F100125 Datasheet
105Kb / 4P
   Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com