データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10H117 データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC10H117
部品情報  Dual 2?뭌ide 2???묲nput OR?묨ND/OR?묨ND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H117 データシート(HTML) 3 Page - ON Semiconductor

  MC10H117_06 Datasheet HTML 1Page - ON Semiconductor MC10H117_06 Datasheet HTML 2Page - ON Semiconductor MC10H117_06 Datasheet HTML 3Page - ON Semiconductor MC10H117_06 Datasheet HTML 4Page - ON Semiconductor MC10H117_06 Datasheet HTML 5Page - ON Semiconductor MC10H117_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC10H117
http://onsemi.com
3
Table 3. AC CHARACTERISTICS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
0.45
1.35
0.45
1.35
0.5
1.5
ns
tr
Rise Time
0.5
1.5
0.5
1.6
0.5
1.7
ns
tf
Fall Time
0.5
1.5
0.5
1.6
0.5
1.7
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
ORDERING INFORMATION
Device
Package
Shipping
MC10H117FN
PLLC−20
46 Units / Rail
MC10H117FNG
PLLC−20
(Pb−Free)
46 Units / Rail
MC10H117FNR2
PLLC−20
500 / Tape & Reel
MC10H117FNR2G
PLLC−20
(Pb−Free)
500 / Tape & Reel
MC10H117L
CDIP−16
25 Unit / Rail
MC10H117M
SOEIAJ−16
50 Unit / Rail
MC10H117MG
SOEIAJ−16
(Pb−Free)
50 Unit / Rail
MC10H117MEL
SOEIAJ−16
2000 / Tape & Reel
MC10H117MELG
SOEIAJ−16
(Pb−Free)
2000 / Tape & Reel
MC10H117P
PDIP−16
25 Unit / Rail
MC10H117PG
PDIP−16
(Pb−Free)
25 Unit / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


同様の部品番号 - MC10H117_06

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H117 ONSEMI-MC10H117 Datasheet
96Kb / 3P
   Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
1996 REV 5
More results

同様の説明 - MC10H117_06

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H121 ONSEMI-MC10H121_06 Datasheet
151Kb / 6P
   4?뭌ide OR?묨ND/OR?묨ND Gate
February, 2006 ??Rev. 8
NL27WZ32 ONSEMI-NL27WZ32_06 Datasheet
63Kb / 5P
   Dual 2?묲nput OR Gate
April, 2006 ??Rev. 6
NL17SZ32 ONSEMI-NL17SZ32_06 Datasheet
115Kb / 6P
   Single 2?묲nput OR Gate
March, 2006 ??Rev. 6
MC10H103 ONSEMI-MC10H103 Datasheet
150Kb / 6P
   Quad 2?묲nput OR Gate
February, 2006 ??Rev. 7
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2_05 Datasheet
122Kb / 5P
   Single Gate 2?묲nput OR Gate
September, 2005 ??Rev. 2
MC10H105 ONSEMI-MC10H105_06 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10H107 ONSEMI-MC10H107_06 Datasheet
151Kb / 6P
   Triple 2?묲nput Exclusive OR/Exclusive NOR Gate
February, 2006 ??Rev. 7
MC74VHC1GT32 ONSEMI-MC74VHC1GT32_07 Datasheet
79Kb / 6P
   2?묲nput OR Gate/CMOS Logic Level Shifter
February, 2007 ??Rev. 10
MC10H209 ONSEMI-MC10H209_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10H109 ONSEMI-MC10H109_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com