データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10H115L データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC10H115L
部品情報  Quad Line Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H115L データシート(HTML) 1 Page - ON Semiconductor

  MC10H115L Datasheet HTML 1Page - ON Semiconductor MC10H115L Datasheet HTML 2Page - ON Semiconductor MC10H115L Datasheet HTML 3Page - ON Semiconductor MC10H115L Datasheet HTML 4Page - ON Semiconductor MC10H115L Datasheet HTML 5Page - ON Semiconductor MC10H115L Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 7
1
Publication Order Number:
MC10H115/D
MC10H115
Quad Line Receiver
Description
The MC10H115 is a quad differential amplifier designed for use in
sensing differential signals over long lines. This 10H part is a
functional/ pinout duplication of the standard MECL 10K
™ family
part, with 100% improvement in counting frequency and no increase
in power supply current.
The base bias supply (VBB) is made available at Pin 9 to make the
device useful as a Schmitt trigger, or in other applications where a
stable reference voltage is necessary. Active current sources provide
the MC10H115 with excellent common mode rejection. If any
amplifier in a package is not used, one input of that amplifier must be
connected to VBB (Pin 9) to prevent upsetting the current source bias
network.
The MC10H115 is designed to be used in sensing differential
signals over long lines. The bias supply (VBB) is made available to
make the device useful as a Schmitt trigger, or in other applications
where a stable reference voltage is necessary.
Active current sources provide these receivers with excellent
common−mode noise rejection. If any amplifier in a package is not
used, one input of that amplifier must be connected to VBB to prevent
unbalancing the current source bias network.
The MC10H115 does not have internal input pulldown resistors.
This provides high impedance to the amplifier input and facilitates
differential connections.
Features
Propagation Delay, 1.0 ns Typical
Power Dissipation 110 mW Typ/Pkg (No Load)
Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
Voltage Compensated
MECL 10K Compatible
Applications
Low Level Receiver
Voltage Level Interface
Schmitt Trigger
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
CDIP−16
L SUFFIX
CASE 620A
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
SOEIAJ−16
CASE 966
16
1
16
1
MC10H115P
AWLYYWWG
1
16
MC10H115L
AWLYYWW
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G= Pb−Free Package
10H115
ALYWG
PLLC−20
FN SUFFIX
CASE 775
20 1
10H115G
AWLYYWW
120


同様の部品番号 - MC10H115L

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115 Datasheet
96Kb / 3P
   Quad Line Receiver
REV 5
MC10H115 ONSEMI-MC10H115 Datasheet
141Kb / 5P
   Quad Line Receiver
August, 2016 ??Rev. 8
MC10H115FNG ONSEMI-MC10H115FNG Datasheet
141Kb / 5P
   Quad Line Receiver
August, 2016 ??Rev. 8
MC10H115FNR2G ONSEMI-MC10H115FNR2G Datasheet
141Kb / 5P
   Quad Line Receiver
August, 2016 ??Rev. 8
MC10H115PG ONSEMI-MC10H115PG Datasheet
141Kb / 5P
   Quad Line Receiver
August, 2016 ??Rev. 8
More results

同様の説明 - MC10H115L

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DS75154 NSC-DS75154 Datasheet
120Kb / 8P
   Quad Line Receiver
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115 Datasheet
96Kb / 3P
   Quad Line Receiver
REV 5
logo
National Semiconductor ...
DS1489 NSC-DS1489 Datasheet
196Kb / 8P
   Quad Line Receiver
logo
ON Semiconductor
MC10115 ONSEMI-MC10115 Datasheet
99Kb / 4P
   Quad Line Receiver
1996 REV 5
logo
National Semiconductor ...
DS1489 NSC-DS1489_02 Datasheet
217Kb / 7P
   Quad Line Receiver
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL Datasheet
63Kb / 4P
   Quad Line Receiver
logo
ON Semiconductor
MC10115 ONSEMI-MC10115_02 Datasheet
86Kb / 4P
   Quad Line Receiver
January, 2002 ??Rev. 7
MC10H115 ONSEMI-MC10H115_16 Datasheet
141Kb / 5P
   Quad Line Receiver
August, 2016 ??Rev. 8
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL_06 Datasheet
43Kb / 4P
   Quad Line Receiver
logo
Linear Technology
LTC488CSW LINER-LTC488CSW Datasheet
117Kb / 12P
   Quad RS485 Line Receiver
More results


Html Pages

1 2 3 4 5 6