データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100H642FNR2 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC100H642FNR2
部品情報  68030/040 PECL to TTL Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H642FNR2 データシート(HTML) 1 Page - ON Semiconductor

  MC100H642FNR2 Datasheet HTML 1Page - ON Semiconductor MC100H642FNR2 Datasheet HTML 2Page - ON Semiconductor MC100H642FNR2 Datasheet HTML 3Page - ON Semiconductor MC100H642FNR2 Datasheet HTML 4Page - ON Semiconductor MC100H642FNR2 Datasheet HTML 5Page - ON Semiconductor MC100H642FNR2 Datasheet HTML 6Page - ON Semiconductor MC100H642FNR2 Datasheet HTML 7Page - ON Semiconductor MC100H642FNR2 Datasheet HTML 8Page - ON Semiconductor MC100H642FNR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 8
1
Publication Order Number:
MC10H642/D
MC10H642, MC100H642
68030/040 PECL to TTL
Clock Driver
Description
The MC10H/100H642 generates the necessary clocks for the
68030, 68040 and similar microprocessors. It is guaranteed to meet the
clock specifications required by the 68030 and 68040 in terms of
part−to−part skew, within−part skew and also duty cycle skew.
The user has a choice of using either TTL or PECL (ECL referenced
to +5.0 V) for the input clock. TTL clocks are typically used in present
MPU systems. However, as clock speeds increase to 50 MHz and
beyond, the inherent superiority of ECL (particularly differential
ECL) as a means of clock signal distribution becomes increasingly
evident. The H642 also uses differential PECL internally to achieve its
superior skew characteristic.
The H642 includes divide−by−two and divide−by−four stages, both
to achieve the necessary duty cycle skew and to generate MPU clocks
as required. A typical 50 MHz processor application would use an
input clock running at 100 MHz, thus obtaining output clocks at
50 MHz and 25 MHz (see Logic Diagram).
The 10H version is compatible with MECL 10H™ ECL logic levels,
while the 100H version is compatible with 100K levels (referenced to
+5.0 V).
Features
Generates Clocks for 68030/040
Meets 030/040 Skew Requirements
TTL or PECL Input Clock
Extra TTL and PECL Power/Ground Pins
Asynchronous Reset
Single +5.0 V Supply
Pb−Free Packages are Available*
Function
Reset(R): LOW on RESET forces all Q outputs LOW.
Select(SEL): LOW selects the ECL input source (DE/DE). HIGH
selects the TTL input source (DT).
The H642 also contains circuitry to force a stable input state of the
ECL differential input pair, should both sides be left open. In this Case,
the DE side of the input is pulled LOW, and DE goes HIGH.
Power Up: The device is designed to have positive edges of the ÷2
and ÷4 outputs synchronized at Power Up.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G= Pb−Free Package
PLCC−28
FN SUFFIX
CASE 776
MCxxxH642G
AWLYYWW
1
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION


同様の部品番号 - MC100H642FNR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100H642 ONSEMI-MC100H642 Datasheet
239Kb / 9P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 4
More results

同様の説明 - MC100H642FNR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H644 ONSEMI-MC10H644_06 Datasheet
167Kb / 6P
   68030/040 PECL to TTL Clock Driver
June, 2006 ??Rev. 6
MC10H640 ONSEMI-MC10H640_06 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H642 ONSEMI-MC10H642 Datasheet
239Kb / 9P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 4
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H646 ONSEMI-MC10H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
   PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
   PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com