データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10LVEP11D データシート(PDF) 8 Page - ON Semiconductor

部品番号 MC10LVEP11D
部品情報  2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10LVEP11D データシート(HTML) 8 Page - ON Semiconductor

Back Button MC10LVEP11D Datasheet HTML 4Page - ON Semiconductor MC10LVEP11D Datasheet HTML 5Page - ON Semiconductor MC10LVEP11D Datasheet HTML 6Page - ON Semiconductor MC10LVEP11D Datasheet HTML 7Page - ON Semiconductor MC10LVEP11D Datasheet HTML 8Page - ON Semiconductor MC10LVEP11D Datasheet HTML 9Page - ON Semiconductor MC10LVEP11D Datasheet HTML 10Page - ON Semiconductor MC10LVEP11D Datasheet HTML 11Page - ON Semiconductor MC10LVEP11D Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC10LVEP11, MC100LVEP11
http://onsemi.com
8
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V
ORDERING INFORMATION
Device
Package
Shipping
MC10LVEP11D
SOIC−8
98 Units / Rail
MC10LVEP11DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC10LVEP11DR2
SOIC−8
2500 / Tape & Reel
MC10LVEP11DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC10LVEP11DT
TSSOP−8
100 Units / Rail
MC10LVEP11DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC10LVEP11DTR2
TSSOP−8
2500 / Tape & Reel
MC10LVEP11DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC10LVEP11MNR4
DFN8
1000 / Tape & Reel
MC10LVEP11MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
MC100LVEP11D
SOIC−8
98 Units / Rail
MC100LVEP11DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC100LVEP11DR2
SOIC−8
2500 / Tape & Reel
MC100LVEP11DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC100LVEP11DT
TSSOP−8
100 Units / Rail
MC100LVEP11DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC100LVEP11DTR2
TSSOP−8
2500 / Tape & Reel
MC100LVEP11DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC100LVEP11MNR4
DFN8
1000 / Tape & Reel
MC100LVEP11MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


同様の部品番号 - MC10LVEP11D

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10LVEP11D ONSEMI-MC10LVEP11D Datasheet
134Kb / 10P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
February, 2005 ??Rev. 7
MC10LVEP11DG ONSEMI-MC10LVEP11DG Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
MC10LVEP11DR2 ONSEMI-MC10LVEP11DR2 Datasheet
134Kb / 10P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
February, 2005 ??Rev. 7
MC10LVEP11DR2G ONSEMI-MC10LVEP11DR2G Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
MC10LVEP11DT ONSEMI-MC10LVEP11DT Datasheet
134Kb / 10P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
February, 2005 ??Rev. 7
More results

同様の説明 - MC10LVEP11D

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC10LVEP11 ONSEMI-MC10LVEP11 Datasheet
134Kb / 10P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
February, 2005 ??Rev. 7
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY10EP11U MICREL-SY10EP11U Datasheet
512Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP11 ONSEMI-MC10EP11 Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com