データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100H680FNG データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC100H680FNG
部品情報  4?묪it Differential ECL Bus to TTL Bus Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H680FNG データシート(HTML) 2 Page - ON Semiconductor

  MC100H680FNG Datasheet HTML 1Page - ON Semiconductor MC100H680FNG Datasheet HTML 2Page - ON Semiconductor MC100H680FNG Datasheet HTML 3Page - ON Semiconductor MC100H680FNG Datasheet HTML 4Page - ON Semiconductor MC100H680FNG Datasheet HTML 5Page - ON Semiconductor MC100H680FNG Datasheet HTML 6Page - ON Semiconductor MC100H680FNG Datasheet HTML 7Page - ON Semiconductor MC100H680FNG Datasheet HTML 8Page - ON Semiconductor MC100H680FNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MC10H680, MC100H680
http://onsemi.com
2
Figure 1. Pinout: PLCC−28 (Top View)
1
56
7
8
9
10
11
25
24
23
22
21
20
19
26
27
28
2
3
412
13
14
15
16
17
18
T101
GT2
VT1
GT1
TIO0
TDIR
EDIR
EIO3B
VCCO4
EIO3
VCCE
EIO2B
VCCO3
EIO2
Table 1. PIN DESCRIPTIONS
Pin
Symbol
Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
GT1
TIO0
TDIR
EDIR
EIO0
VCCO1
EIO0B
VEE
EIO1
VCCO2
EIO1B
EIO2
VCCO3
EIO2B
VCCE
EIO3
VCCO4
EIO3B
ECEB
TCEB
TIO3
GT4
VT2
GT3
TIO2
TIO1
GT2
VT1
TTL Ground 1
TTL I/O Bit 0
TTL Direction Control
ECL Direction Control
ECL I/O Bit 0
ECL VCC 1 (0 V) − Outputs
ECL I/O Bit 0 Bar
ECL Supply (−5.2/−4.5 V)
ECL I/O Bit 1
ECL VCC 2 (0 V) − Outputs
ECL I/O Bit 1 Bar
ECL I/O Bit 2
ECL VCC 3 (0 V) − Outputs
ECL I/O Bit 2 Bar
ECL VCC (0 V)
ECL I/O Bit 3
ECL VCC 4 (0 V) − Outputs
ECL I/O Bit 3 Bar
ECL Chip Enable Bar Control
TTL Chip Enable Bar Control
TTL I/O Bit 3
TTL Ground 4
TTL Supply 2 (5.0 V)
TTL Ground 3
TTL I/O Bit 2
TTL I/O Bit 1
TTL Ground 2
TTL Supply 1 (5.0 V)
Table 2. TRUTH TABLE
ECEB
TCEB EDIR TDIR
EIN
EINB
EOUT
EOUTB
TIN
TOUT
COMMENTS
H
X
X
X
X
X
LC
LC
X
Z
ECL and TTL Outputs Disabled
X
H
X
X
X
X
LC
LC
X
Z
ECL and TTL Outputs Disabled
L
L
H
X
H
LC
NA
H
ECL to TTL Direction
L
L
H
X
LC
H
NA
L
ECL to TTL Direction
L
L
H
X
LC
LC
NA
L
ECL to TTL Direction (L−L Condition)
L
L
X
H
H
LC
NA
H
ECL to TTL Direction
L
L
X
H
LC
H
NA
L
ECL to TTL Direction
L
L
X
H
LC
LC
NA
L
ECL to TTL Direction (L−L Condition)
L
L
L
L
NA
NA
H
LC
H
TTL to ECL Direction
L
L
L
L
NA
NA
LC
H
L
TTL to ECL Direction
TDIR − Direction Control TTL Levels
EDIR − Direction Control ECL Levels
TCEB − Chip Enable Bar Control TTL Levels
H − HIGH
L − LOW
LC − ECL Low Cutoff (VTT = −2.0 V)
X − Don’t Care
Z − High Impedance
ECEB − Chip Enable Bar Control ECL Levels
TIN − TTL Input
TOUT − TTL Output
EIN − ECL Input
EINB − ECL Input Bar
EOUT − ECL Output
EOUTB − ECL Output Bar


同様の部品番号 - MC100H680FNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100H680FN ONSEMI-MC100H680FN Datasheet
118Kb / 8P
   4-Bit Differential ECL Bus/TTL Bus Transceciver
1996 REV 6
MC100H680FNR2 ONSEMI-MC100H680FNR2 Datasheet
118Kb / 8P
   4-Bit Differential ECL Bus/TTL Bus Transceciver
1996 REV 6
More results

同様の説明 - MC100H680FNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H680 ONSEMI-MC10H680 Datasheet
118Kb / 8P
   4-Bit Differential ECL Bus/TTL Bus Transceciver
1996 REV 6
MC10H601 ONSEMI-MC10H601 Datasheet
111Kb / 6P
   9?묪it ECL to TTL Translator
November, 2006 ??Rev. 12
MC10H600 ONSEMI-MC10H600_06 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
74FST3125 ONSEMI-74FST3125_06 Datasheet
196Kb / 7P
   4?묪it Bus Switch
June, 2006 ??Rev. 3
74FST3126 ONSEMI-74FST3126_06 Datasheet
195Kb / 7P
   4?묪it Bus Switch
June, 2006 ??Rev. 2
MC10H602 ONSEMI-MC10H602_06 Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H603 ONSEMI-MC10H603_06 Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com