データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74AC00D データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC74AC00D
部品情報  Quad 2?묲nput NAND Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC00D データシート(HTML) 1 Page - ON Semiconductor

  MC74AC00D Datasheet HTML 1Page - ON Semiconductor MC74AC00D Datasheet HTML 2Page - ON Semiconductor MC74AC00D Datasheet HTML 3Page - ON Semiconductor MC74AC00D Datasheet HTML 4Page - ON Semiconductor MC74AC00D Datasheet HTML 5Page - ON Semiconductor MC74AC00D Datasheet HTML 6Page - ON Semiconductor MC74AC00D Datasheet HTML 7Page - ON Semiconductor MC74AC00D Datasheet HTML 8Page - ON Semiconductor MC74AC00D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 9
1
Publication Order Number:
MC74AC00/D
MC74AC00, MC74ACT00
Quad 2−Input NAND Gate
High−Performance Silicon−Gate CMOS
Features
Output Drive Capability: $24 mA
Operating Voltage Range: 2 to 6 V AC00; 4.5 to 5.5 ACT00
Low Input Current: 1.0 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance With the JEDEC Standard No. 7A Requirements
Chip Complexity: 32 FETs
Pb−Free Packages are Available
3
Y1
1
A1
PIN 14 = VCC
PIN 7 = GND
Figure 1. Logic Diagram
2
B1
6
Y2
4
A2
5
B2
8
Y3
9
A3
10
B3
11
Y4
12
A4
13
B4
Y = AB
Figure 2. Pinout: 14−Lead Packages (Top View)
13
14
12
11
10
9
8
2
1
34567
VCC
B4
A4
Y4
B3
A3
Y3
A1
B1
Y1
A2
B2
Y2
GND
MARKING
DIAGRAMS
xxx
= AC or ACT
A
= Assembly Location
WL or L = Wafer Lot
YY or Y = Year
WW or W = Work Week
G= Pb−Free Package
TSSOP−14
DT SUFFIX
CASE 948G
xxx
00
ALYWG
G
1
14
PDIP−14
N SUFFIX
CASE 646
SOIC−14
D SUFFIX
CASE 751A
SOEIAJ−14
M SUFFIX
CASE 965
1
14
74xxx00
ALYWG
1
14
1
14
1
14
1
14
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
L
L
H
H
L
H
L
H
FUNCTION TABLE
Inputs
Output
AB
H
H
H
L
Y
http://onsemi.com
MC74xxx00N
AWLYYWWG
1
14
xxx00
AWLYWWG
1
14


同様の部品番号 - MC74AC00D

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74AC00D MOTOROLA-MC74AC00D Datasheet
126Kb / 5P
   QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
MC74AC00DG ONSEMI-MC74AC00DG Datasheet
90Kb / 8P
   Quad 2-Input NAND Gate
January, 2015 ??Rev. 10
MC74AC00DR2G ONSEMI-MC74AC00DR2G Datasheet
90Kb / 8P
   Quad 2-Input NAND Gate
January, 2015 ??Rev. 10
MC74AC00DTR2G ONSEMI-MC74AC00DTR2G Datasheet
90Kb / 8P
   Quad 2-Input NAND Gate
January, 2015 ??Rev. 10
More results

同様の説明 - MC74AC00D

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
92Kb / 6P
   Quad 2?묲nput NAND Gate
January, 2006 ??Rev. 5
NL17SZ00 ONSEMI-NL17SZ00_06 Datasheet
68Kb / 6P
   Single 2?묲nput NAND Gate
November, 2006 ??Rev. 5
NL27WZ00 ONSEMI-NL27WZ00_06 Datasheet
88Kb / 6P
   Dual 2?묲nput NAND Gate
May, 2006 ??Rev. 6
MC74VHCT132A ONSEMI-MC74VHCT132A_06 Datasheet
101Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
January, 2006 ??Rev. 4
MC14093B ONSEMI-MC14093B_06 Datasheet
160Kb / 9P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC74AC132 ONSEMI-MC74AC132 Datasheet
126Kb / 8P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC74VHC132 ONSEMI-MC74VHC132 Datasheet
100Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
December, 2005 ??Rev. 3
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC74HC00A ONSEMI-MC74HC00A_06 Datasheet
140Kb / 9P
   Quad 2?묲nput NAND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com