データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MV2105G データシート(PDF) 2 Page - ON Semiconductor

部品番号 MV2105G
部品情報  Silicon Tuning Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MV2105G データシート(HTML) 2 Page - ON Semiconductor

  MV2105G Datasheet HTML 1Page - ON Semiconductor MV2105G Datasheet HTML 2Page - ON Semiconductor MV2105G Datasheet HTML 3Page - ON Semiconductor MV2105G Datasheet HTML 4Page - ON Semiconductor MV2105G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBV2101LT1 Series, MV2105, MV2101, MV2109, LV2209
http://onsemi.com
2
CT, Diode Capacitance
VR = 4.0 Vdc, f = 1.0 MHz
pF
Q, Figure of Merit
VR = 4.0 Vdc,
f = 50 MHz
TR, Tuning Ratio
C2/C30
f = 1.0 MHz
Device
Marking
Package
Shipping
Min
Nom
Max
Typ
Min
Typ
Max
MMBV2101LT1
M4G
SOT−23
3,000 / Tape & Reel
6.1
6.8
7.5
450
2.5
2.7
3.2
MMBV2101LT1G
M4G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
6.1
6.8
7.5
450
2.5
2.7
3.2
MMBV2101L
M4G
SOT−23
Bulk (Note 1)
6.1
6.8
7.5
450
2.5
2.7
3.2
MV2101
MV2101
TO−92
1,000 per Box
6.1
6.8
7.5
450
2.5
2.7
3.2
MV2101G
MV2101
TO−92
(Pb−Free)
1,000 per Box
6.1
6.8
7.5
450
2.5
2.7
3.2
MMBV2103LT1
4H
SOT−23
3,000 / Tape & Reel
9.0
10
11
400
2.5
2.9
3.2
MMBV2105LT1
4U
SOT−23
3,000 / Tape & Reel
13.5
15
16.5
400
2.5
2.9
3.2
MMBV2105LT1G
4U
SOT−23
(Pb−Free)
3,000 / Tape & Reel
13.5
15
16.5
400
2.5
2.9
3.2
MMBV2105L
4U
SOT−23
Bulk (Note 1)
13.5
15
16.5
400
2.5
2.9
3.2
MV2105
MV2105
TO−92
1,000 per Box
13.5
15
16.5
400
2.5
2.9
3.2
MV2105G
MV2105
TO−92
(Pb−Free)
1,000 per Box
13.5
15
16.5
400
2.5
2.9
3.2
MMBV2107LT1
4W
SOT−23
3,000 / Tape & Reel
19.8
22
24.2
350
2.5
2.9
3.2
MMBV2107LT1G
4W
SOT−23
(Pb−Free)
3,000 / Tape & Reel
19.8
22
24.2
350
2.5
2.9
3.2
MMBV2107L
4W
SOT−23
Bulk (Note 1)
19.8
22
24.2
350
2.5
2.9
3.2
MMBV2108LT1
4X
SOT−23
3,000 / Tape & Reel
24.3
27
29.7
300
2.5
3.0
3.2
MMBV2108LT1G
4X
SOT−23
(Pb−Free)
3,000 / Tape & Reel
24.3
27
29.7
300
2.5
3.0
3.2
LV2209
LV2209
TO−92
1,000 per Box
29.7
33
36.3
200
2.5
3.0
3.2
MMBV2109LT1
4J
SOT−23
3,000 / Tape & Reel
29.7
33
36.3
200
2.5
3.0
3.2
MMBV2109LT1G
4J
SOT−23
(Pb−Free)
3,000 / Tape & Reel
29.7
33
36.3
200
2.5
3.0
3.2
MMBV2109L
4J
SOT−23
Bulk (Note 1)
29.7
33
36.3
200
2.5
3.0
3.2
MV2109
MV2109
TO−92
1,000 per Box
29.7
33
36.3
200
2.5
3.0
3.2
MV2109G
MV2109
TO−92
(Pb−Free)
1,000 per Box
29.7
33
36.3
200
2.5
3.0
3.2
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
1. MMBV2101LT1, MMBV2105LT1, MMBV2107LT1 thru MMBV2109LT1, are also available in bulk. Use the device title and drop the “T1”
suffix when ordering any of these devices in bulk.
PARAMETER TEST METHODS
1. CT, DIODE CAPACITANCE
(CT = CC + CJ). CT is measured at 1.0 MHz using a capacitance
bridge (Boonton Electronics Model 75A or equivalent).
2. TR, TUNING RATIO
TR is the ratio of CT measured at 2.0 Vdc divided by CT
measured at 30 Vdc.
3. Q, FIGURE OF MERIT
Q is calculated by taking the G and C readings of an admittance
bridge at the specified frequency and substituting in the
following equations:
Q
+ 2pfC
G
(Boonton Electronics Model 33AS8 or equivalent). Use Lead
Length
[ 1/16″.
4. TCC, DIODE CAPACITANCE TEMPERATURE
COEFFICIENT
TCC is guaranteed by comparing CT at VR = 4.0 Vdc, f = 1.0
MHz, TA = −65°C with CT at VR = 4.0 Vdc, f = 1.0 MHz, TA
= +85
°C in the following equation, which defines TCC:
TCC +
CT() 85°C) – CT(–65°C)
85
) 65
·
106
CT(25°C)
Accuracy limited by measurement of CT to ±0.1 pF.


同様の部品番号 - MV2105G

メーカー部品番号データシート部品情報
logo
Knox Semiconductor, Inc
MV2105 KNOX-MV2105 Datasheet
35Kb / 1P
   PLASTIC SURFACE MOUNT GENERAL PURPOSE ABRUPT VARACTOR DIODES
logo
E-Tech Electronics LTD
MV2105 ETL-MV2105 Datasheet
123Kb / 3P
   Silicon Tuning Diode
More results

同様の説明 - MV2105G

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BBY58 INFINEON-BBY58_07 Datasheet
114Kb / 10P
   Silicon Tuning Diodes
2007-09-19
BB833 INFINEON-BB833 Datasheet
407Kb / 3P
   Silicon Tuning Diodes
Nov-07-2002
BBY52 INFINEON-BBY52 Datasheet
390Kb / 3P
   Silicon Tuning Diodes
Oct-24-2002
BBY55 INFINEON-BBY55 Datasheet
411Kb / 3P
   Silicon Tuning Diodes
Nov-14-2002
BBY55 INFINEON-BBY55_07 Datasheet
88Kb / 8P
   Silicon Tuning Diodes
2007-05-25
BB833 INFINEON-BB833_07 Datasheet
54Kb / 5P
   Silicon Tuning Diodes
2007-04-20
BBY66 INFINEON-BBY66_07 Datasheet
92Kb / 8P
   Silicon Tuning Diodes
2007-04-20
BBY66 INFINEON-BBY66 Datasheet
391Kb / 3P
   Silicon Tuning Diodes
Nov-14-2002
logo
New Jersey Semi-Conduct...
MVAM108 NJSEMI-MVAM108 Datasheet
91Kb / 1P
   SILICON TUNING DIODES
logo
Infineon Technologies A...
BBY52 INFINEON-BBY52_07 Datasheet
69Kb / 7P
   Silicon Tuning Diodes
2007-04-20
BBY58 INFINEON-BBY58 Datasheet
111Kb / 3P
   Silicon Tuning Diodes
Jul-25-2003
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com