データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD204J データシート(PDF) 8 Page - Analog Devices

部品番号 AD204J
部品情報  Low Cost, Miniature Isolation Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD204J データシート(HTML) 8 Page - Analog Devices

Back Button AD204J Datasheet HTML 4Page - Analog Devices AD204J Datasheet HTML 5Page - Analog Devices AD204J Datasheet HTML 6Page - Analog Devices AD204J Datasheet HTML 7Page - Analog Devices AD204J Datasheet HTML 8Page - Analog Devices AD204J Datasheet HTML 9Page - Analog Devices AD204J Datasheet HTML 10Page - Analog Devices AD204J Datasheet HTML 11Page - Analog Devices AD204J Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. D
AD202/AD204
–8–
Using Isolated Power. Both the AD202 and the AD204 provide
±7.5 V power outputs referenced to input common. These may be
used to power various accessory circuits that must operate at
the input common-mode level; the input zero adjustment pots
described above are an example, and several other possible uses
are shown in the section titled Application Examples.
The isolated power output of the AD202 (400
mA total from
either or both outputs) is much more limited in current capacity
than that of the AD204, but it is sufficient for operating micro-
power op amps, low power references (such as the AD589),
adjustment circuits, and the like.
The AD204 gets its power from an external clock driver, and
can handle loads on its isolated supply outputs of 2 mA for each
supply terminal (+7.5 V and –7.5 V) or 3 mA for a single loaded
output. Whenever the external load on either supply is more
than about 200
mA, a 1 mF tantalum capacitor should be used to
bypass each loaded supply pin to input common.
Up to 32 AD204s can be driven from a single AD246 (or equi-
valent) clock driver when the isolated power outputs of the
AD204s are loaded with less than 200
mA each, at a worst-case
supply voltage of 14.25 V at the clock driver. The number of
AD204s that can be driven by one clock driver is reduced by
one AD204 per 3.5 mA of isolated power load current at 7.5 V,
distributed in any way over the AD204s being supplied by that
clock driver. Thus a load of 1.75 mA from +VISO to –VISO would
also count as one isolator because it spans 15 V.
It is possible to increase clock fanout by increasing supply volt-
age above the 14.25 V minimum required for 32 loads. One
additional isolator (or 3.5 mA unit load) can be driven for each
40 mV of increase in supply voltage up to 15 V. Therefore if the
minimum supply voltage can be held to 15 V – 1%, it is possible
to operate 32 AD204s and 52 mA of 7.5 V loads. Figure 14
shows the allowable combinations of load current and channel
count for various supply voltages.
MINIMUM SUPPLY VOLTAGE
14.25
50
0
14.50
14.75
40
30
20
10
15.0
IISO
= 0mA
TOT
AL
IISO
= 35mA
TOT
AL
IISO
= 70mA
TOT
AL
IISO
= 80mA
OPERATION IN THIS REGION EXCEEDS
4mA LOAD LIMIT PER AD204
TOT
AL
Figure 14. AD246 Fanout Rules
Operation at Reduced Signal Swing. Although the nominal
output signal swing for the AD202 and AD204 is
±5 V, there
may be cases where a smaller signal range is desirable. When
that is done, the fixed errors (principally offset terms and output
noise) become a larger fraction of the signal, but nonlinearity is
reduced. This is shown in Figure 15.
OUTPUT SIGNAL SWING –
V
0
0.025
0
2
3
0.020
0.015
0.010
0.005
5
14
Figure 15. Nonlinearity vs. Signal Swing
PCB Layout for Multichannel Applications. The pinout of
the AD204Y has been designed to make very dense packing
possible in multichannel applications. Figure 16a shows the
recommended printed circuit board (PCB) layout for the simple
voltage-follower connection. When gain-setting resistors are
present, 0.25" channel centers can still be achieved, as shown in
Figure 16b.
CHANNEL INPUTS
01
2
0.1”
GRID
CLK COM
CLK
OUT COM
CHANNEL OUTPUTS
TO MUX
Figure 16a.
(NOTE: Circuit figures shown on this page are for SIP-style packages. Refer to
Page 3 for proper DIP package pinout.)


同様の部品番号 - AD204J

メーカー部品番号データシート部品情報
logo
Analog Devices
AD204J AD-AD204J Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
AD204J AD-AD204J Datasheet
8Mb / 16P
   High Precision, Low Offset, mV Input Isolation Amplifier
AD204JN AD-AD204JN Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
AD204JY AD-AD204JY Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
More results

同様の説明 - AD204J

メーカー部品番号データシート部品情報
logo
Analog Devices
AD202 AD-AD202 Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
AD202 AD-AD202_15 Datasheet
934Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
AD204 AD-AD204_15 Datasheet
934Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79A-000E AVAGO-ACPL-C79A-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B AVAGO-ACPL-C79B Datasheet
309Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B-000E AVAGO-ACPL-C79B-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
logo
MicroPower Direct, LLC
A200EHI MPD-A200EHI Datasheet
190Kb / 2P
   Low Cost, Miniature DIP 2W, Very High Isolation DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com