データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD204J データシート(PDF) 11 Page - Analog Devices

部品番号 AD204J
部品情報  Low Cost, Miniature Isolation Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD204J データシート(HTML) 11 Page - Analog Devices

Back Button AD204J Datasheet HTML 4Page - Analog Devices AD204J Datasheet HTML 5Page - Analog Devices AD204J Datasheet HTML 6Page - Analog Devices AD204J Datasheet HTML 7Page - Analog Devices AD204J Datasheet HTML 8Page - Analog Devices AD204J Datasheet HTML 9Page - Analog Devices AD204J Datasheet HTML 10Page - Analog Devices AD204J Datasheet HTML 11Page - Analog Devices AD204J Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV. D
AD202/AD204
–11–
OUTLINE DIMENSIONS
Dimensions shown in inches and (millimeters)
AD202/AD204 SIP Package
0.625
(15.9)
MAX
0.15 (3.81) TYP
1
3
5
2
6
31
33
37
38
32
4
0.05 (1.3)TYP
1.30 (33.0)
0.010
0.020
(0.25
0.51)
0.20 (5.1)
0.143
(3.63)
0.12
(3.05)
0.10 (2.5)
TYP
0.250 (6.3) TYP
0.260 (6.6) MAX
2.08 (52.8) MAX
FRONT VIEW
BOTTOM VIEW
CL
AD202/AD204
SIDE
VIEW
NOTE:
PIN 31 IS PRESENT ONLY ON AD202
PIN 33 IS PRESENT ONLY ON AD204
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
AC1058 Mating Socket
0.30 (7.62)
MAX
0.24
(6.10)
0.10 (2.5) DIA
BOTH ENDS
2.65 (7.30)
2.50 (63.50)
0.10 (2.50) TYP
0.075 (1.90) TYP
AC1058 CAN BE USED AS A SOCKET
FOR AD202,AD204 AND AD246
NOTE: AMP ZP SOCKET (PIN 2 – 382006 – 3)
MAY BE USED IN PLACE OF THE AC1058
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
AD246JY Package
0.330 (8.4) MAX
0.10 (2.5) NOM
0.625
(15.9)
MAX
0.115 (2.9)
SIDE
VIEW
0.015 (0.38)
0.010 (0.25)
1
2
13
12
0.10
(2.5)
0.115
(2.9)
CL
BOTTOM
VIEW
0.05 (1.30)
NOM
0.10
(2.5)
MIN
0.995 (25.3) MAX
AD246JY
FRONT VIEW
0.55 (14.0)
0.197 (5.0)
0.015 (0.38)
0.010 (0.25)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
AD202/AD204 DIP Package
1.60 (40.6)
BOTTOM
VIEW
38 37 36
12 3
22 21 20
18 19
0.700
(17.8)
MAX
0.015 (0.38)
0.350
(8.9)
MAX
0.018 (0.46)
SQUARE
0.10
(2.5)
MIN
2.100 (53.3) MAX
NOTE:
PIN 20 IS PRESENT ONLY ON AD202
PIN 21 IS PRESENT ONLY ON AD204
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
AC1060 Mating Socket
2.35 (59.7)
2.60 (66.0)
0.50
(12.7)
0.10 (2.5) DIA
BOTH ENDS
0.70
(17.8)
0.125 (3.1)
TYP
0.30 (7.62)
MAX
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
AD246JN Package
FRONT VIEW
AD246JN
1.445 (36.7) MAX
0.100 (2.5)
MIN
0.35 (8.9)
MAX
0.020 (0.51)
0.010 (0.25)
0.145 (3.7)
0.020 (0.51)
0.015 (0.38)
1
12
14
24
BOTTOM VIEW
1.10 (27.9)
1.00 (25.4)
0. 50
(12.7)
0.70
(17.8)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN


同様の部品番号 - AD204J

メーカー部品番号データシート部品情報
logo
Analog Devices
AD204J AD-AD204J Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
AD204J AD-AD204J Datasheet
8Mb / 16P
   High Precision, Low Offset, mV Input Isolation Amplifier
AD204JN AD-AD204JN Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
AD204JY AD-AD204JY Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
More results

同様の説明 - AD204J

メーカー部品番号データシート部品情報
logo
Analog Devices
AD202 AD-AD202 Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
AD202 AD-AD202_15 Datasheet
934Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
AD204 AD-AD204_15 Datasheet
934Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79A-000E AVAGO-ACPL-C79A-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B AVAGO-ACPL-C79B Datasheet
309Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B-000E AVAGO-ACPL-C79B-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
logo
MicroPower Direct, LLC
A200EHI MPD-A200EHI Datasheet
190Kb / 2P
   Low Cost, Miniature DIP 2W, Very High Isolation DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com