データシートサーチシステム |
|
MMBTH10-C-AE3-CR データシート(PDF) 2 Page - Unisonic Technologies |
|
MMBTH10-C-AE3-CR データシート(HTML) 2 Page - Unisonic Technologies |
2 / 5 page MMBTH10 NPN SILICON TRANSISTOR UNISONICTECHNOLOGIESCO.,LTD 2 of 5 www.unisonic.com.tw QW-R206-003,E ABSOLUTE MAXIMUM RATING (Ta=25℃) PARAMETER SYMBOL RATINGS UNIT Collector-base voltage VCBO 30 V Collector-emitter voltage VCEO 25 V Emitter-base voltage VEBO 3 V Total Power Dissipation PC 225 mW Collector current IC 50 mA Junction Temperature TJ 150 ℃ Storage Temperature TSTG -55 ~ +150 ℃ Note Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Collector-Base Breakdown Voltage BVCBO IC=100μA 30 V Collector-Emitter Breakdown Voltage BVCEO IC=1mA 25 V Emitter-Base Breakdown Voltage BVEBO IE=10μA 3 V Collector-Emitter Saturation Voltage VCE(SAT) IC=4mA, IB=400μA 500 mV Base-Emitter on Voltage VBE(ON) VCE=10V, IC=4mA 950 mV Collector Cut-off Current ICBO VCB=25V 100 nA Emitter Cut-off Current IEBO VEB=2V 100 nA DC Current Gain hFE VCE=10V, IC=4mA 60 Output Capacitance Cob VCB=10V, f=1MHZ 0.7 pF Current Gain Bandwidth Product fT VCE=10V, IC=4mA, f=100MHz 650 MHz CLASSIFICATION OF hFE RANK A B C RANGE 60-100 90-130 120-200 |
同様の部品番号 - MMBTH10-C-AE3-CR |
|
同様の説明 - MMBTH10-C-AE3-CR |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |