データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74AC125DR2G データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC74AC125DR2G
部品情報  Quad Buffer with 3?뭆tate Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC125DR2G データシート(HTML) 1 Page - ON Semiconductor

  MC74AC125DR2G Datasheet HTML 1Page - ON Semiconductor MC74AC125DR2G Datasheet HTML 2Page - ON Semiconductor MC74AC125DR2G Datasheet HTML 3Page - ON Semiconductor MC74AC125DR2G Datasheet HTML 4Page - ON Semiconductor MC74AC125DR2G Datasheet HTML 5Page - ON Semiconductor MC74AC125DR2G Datasheet HTML 6Page - ON Semiconductor MC74AC125DR2G Datasheet HTML 7Page - ON Semiconductor MC74AC125DR2G Datasheet HTML 8Page - ON Semiconductor MC74AC125DR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 7
1
Publication Order Number:
MC74AC125/D
MC74AC125, MC74ACT125
Quad Buffer with 3−State
Outputs
Features
Outputs Source/Sink
′ACT125 Has TTL Compatible Inputs
Pb−Free Packages are Available
A0
B0
O0
A1
B1
O1 GND
13
14
12
11
10
9
8
2
1
34567
VCC
A2
B2
O2
A3
B3
O3
Figure 1. Pinout: 14−Lead Packages Conductors
(Top View)
PIN ASSIGNMENT
PIN
FUNCTION
An, Bn
Inputs
On
Outputs
FUNCTION TABLE
Inputs
Output
An
Bn
On
L
L
L
H
L
H
H
X
Z
NOTE: H = High Voltage Level;
L = Low Voltage Level;
Z = High Impedance;
X = Immaterial
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOEIAJ−14
M SUFFIX
CASE 965
SOIC−14
D SUFFIX
CASE 751A
14
1
14
1
14
1
PDIP−14
N SUFFIX
CASE 646
See general marking information in the device marking
section on page 5 of this data sheet.
DEVICE MARKING INFORMATION


同様の部品番号 - MC74AC125DR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74AC125DR2G ONSEMI-MC74AC125DR2G Datasheet
91Kb / 8P
   Quad Buffer with 3-State Outputs
January, 2015 ??Rev. 8
More results

同様の説明 - MC74AC125DR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NL27WZ126 ONSEMI-NL27WZ126_06 Datasheet
73Kb / 6P
   Dual Buffer with 3?뭆tate Outputs
April, 2006 ??Rev. 6
NL27WZ125 ONSEMI-NL27WZ125_06 Datasheet
71Kb / 5P
   Dual Buffer with 3?뭆tate Outputs
April, 2006 ??Rev. 5
MC74ACT241 ONSEMI-MC74ACT241 Datasheet
94Kb / 8P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 5
MC74AC244 ONSEMI-MC74AC244_06 Datasheet
117Kb / 9P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
September, 2006 ??Rev. 7
MC74AC540 ONSEMI-MC74AC540 Datasheet
131Kb / 12P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 8
SN74LS541 ONSEMI-SN74LS541 Datasheet
202Kb / 6P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
July, 2006 ??Rev. 4
MC74VHCT126A ONSEMI-MC74VHCT126A_11 Datasheet
144Kb / 7P
   Quad Bus Buffer with 3?뭆tate Control Inputs
May, 2011 ??Rev. 7
MC74AC240 ONSEMI-MC74AC240_06 Datasheet
108Kb / 10P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
November, 2006 ??Rev. 8
NLSF3T126 ONSEMI-NLSF3T126 Datasheet
92Kb / 6P
   Quad Bus Buffer with 3?뭆tate Control Inputs
May, 2006 ??Rev. 5
MC74VHC125 ONSEMI-MC74VHC125_11 Datasheet
139Kb / 9P
   Quad Bus Buffer with 3?뭆tate Control Inputs
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com