データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC1815L-BL-T92-C-B データシート(PDF) 3 Page - Unisonic Technologies

部品番号 2SC1815L-BL-T92-C-B
部品情報  AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC1815L-BL-T92-C-B データシート(HTML) 3 Page - Unisonic Technologies

  2SC1815L-BL-T92-C-B Datasheet HTML 1Page - Unisonic Technologies 2SC1815L-BL-T92-C-B Datasheet HTML 2Page - Unisonic Technologies 2SC1815L-BL-T92-C-B Datasheet HTML 3Page - Unisonic Technologies 2SC1815L-BL-T92-C-B Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC1815
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R201-006,D
TYPICAL CHARACTERISTICS
Fig.1 Static characteristics
Collector-Emitter Voltage (V)
04
8
12
16
20
0
20
40
60
80
100
Fig.2 DC current Gain
IB=300µA
IB=250µA
IB=200µA
IB=150µA
IB=100µA
IB=50µA
Collector Current, IC (mA)
VCE=6V
10
0
10
1
102
10
3
10
-1
10
0
10
1
10
2
10
3
Fig.3 Base-Emitter on Voltage
Base-Emitter Voltage (V)
00.2
0.4
0.6
0.8
1.0
VCE=6V
Collector Current, IC (mA)
10
-1
10
0
10
1
10
2
10
3
10
1
10
2
10
3
104
Fig.4 Saturation Voltage
10
-1
100
10
1
10
2
IC=10*IB
VBE(SAT)
VCE(SAT)
Fig.5 Current Gain-Bandwidth
Product
Fig.6 Collector Output Capacitance
Collector-Base Voltage (V)
Collector Current, IC (mA)
VCE=6V
10
-1
10
0
10
1
10
2
10
0
101
10
2
10
3
f=1MHz
IE=0
100
101
102
103
10-1
10
0
10
1
102


同様の部品番号 - 2SC1815L-BL-T92-C-B

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SC1815L-GR TOSHIBA-2SC1815L-GR Datasheet
256Kb / 4P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
logo
Unisonic Technologies
2SC1815L-X-T92-B UTC-2SC1815L-X-T92-B Datasheet
215Kb / 4P
   AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
2SC1815L-X-T92-K UTC-2SC1815L-X-T92-K Datasheet
215Kb / 4P
   AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
logo
Toshiba Semiconductor
2SC1815L-Y TOSHIBA-2SC1815L-Y Datasheet
279Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
More results

同様の説明 - 2SC1815L-BL-T92-C-B

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UTC2SC1815 UTC-UTC2SC1815 Datasheet
61Kb / 2P
   AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
KSC945 UTC-KSC945 Datasheet
75Kb / 2P
   AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
2SC945 UTC-2SC945_09 Datasheet
186Kb / 4P
   AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
2SC1815 UTC-2SC1815_11 Datasheet
215Kb / 4P
   AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
MMBT945 UTC-MMBT945 Datasheet
185Kb / 4P
   AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
logo
Samsung semiconductor
KSC945 SAMSUNG-KSC945 Datasheet
79Kb / 2P
   NPN (AUDIO, HIGH FREQUENCY AMPLIFIER, OSC.)
logo
Fairchild Semiconductor
KSC945YTA FAIRCHILD-KSC945YTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
FJX945 FAIRCHILD-FJX945 Datasheet
48Kb / 4P
   Audio Frequency Amplifier High Frequency OSC.
KSC945CGTA FAIRCHILD-KSC945CGTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
logo
ON Semiconductor
FJX945 ONSEMI-FJX945 Datasheet
161Kb / 6P
   Audio Frequency Amplifier High Frequency OSC.
Rev. B2, April 2004
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com