データシートサーチシステム |
|
MC74AC373DWG データシート(PDF) 10 Page - ON Semiconductor |
|
MC74AC373DWG データシート(HTML) 10 Page - ON Semiconductor |
10 / 12 page MC74AC373, MC74ACT373 http://onsemi.com 10 PACKAGE DIMENSIONS PDIP−20 N SUFFIX PLASTIC DIP PACKAGE CASE 738−03 ISSUE E NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. M L J 20 PL M B M 0.25 (0.010) T DIM MIN MAX MIN MAX MILLIMETERS INCHES A 25.66 27.17 1.010 1.070 B 6.10 6.60 0.240 0.260 C 3.81 4.57 0.150 0.180 D 0.39 0.55 0.015 0.022 G 2.54 BSC 0.100 BSC J 0.21 0.38 0.008 0.015 K 2.80 3.55 0.110 0.140 L 7.62 BSC 0.300 BSC M 0 15 0 15 N 0.51 1.01 0.020 0.040 __ __ E 1.27 1.77 0.050 0.070 1 11 10 20 −A− SEATING PLANE K N F G D 20 PL −T− M A M 0.25 (0.010) T E B C F 1.27 BSC 0.050 BSC SOIC−20W DW SUFFIX CASE 751D−05 ISSUE G 20 1 11 10 B 20X C 18X A1 A SEATING PLANE q E D M 0.25 S A S B T e T B A DIM MIN MAX MILLIMETERS A 2.35 2.65 A1 0.10 0.25 B 0.35 0.49 C 0.23 0.32 D 12.65 12.95 E 7.40 7.60 e 1.27 BSC H 10.05 10.55 h 0.25 0.75 L 0.50 0.90 q 0 7 NOTES: 1. DIMENSIONS ARE IN MILLIMETERS. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE PROTRUSION SHALL BE 0.13 TOTAL IN EXCESS OF B DIMENSION AT MAXIMUM MATERIAL CONDITION. __ |
同様の部品番号 - MC74AC373DWG |
|
同様の説明 - MC74AC373DWG |