データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZT2222A データシート(PDF) 5 Page - Unisonic Technologies

部品番号 PZT2222A
部品情報  NPN GENERAL PURPOSE AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PZT2222A データシート(HTML) 5 Page - Unisonic Technologies

  PZT2222A Datasheet HTML 1Page - Unisonic Technologies PZT2222A Datasheet HTML 2Page - Unisonic Technologies PZT2222A Datasheet HTML 3Page - Unisonic Technologies PZT2222A Datasheet HTML 4Page - Unisonic Technologies PZT2222A Datasheet HTML 5Page - Unisonic Technologies PZT2222A Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PZT2222A
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R207-001,B
TYPICAL CHARACTERISTICS
0.1
1
10
100 300
200
0
Collector Current, IC (mA)
DC Current Gain
vs. Collector Current
100
0.3330
300
400
500
125℃
25℃
-40℃
VCE =5V
0.1
0.3
100
110
500
Collector-Emitter Saturation Voltage
vs. Collector Current
0.2
0.4
Collector Current, IC (mA)
25℃
-40℃
β=10
125℃
0.4
0.8
100
110
500
Base-Emitter Saturation Voltage
vs. Collector Current
0.6
1
Collector Current, IC (mA)
125℃
β=10
-40℃
25℃
0.4
0.8
10
0.1
1
25
Base-Emitter On Voltage
vs. Collector Current
0.6
1
Collector Current, IC (mA)
VCE =5V
0.2
25℃
-40℃
125℃
Ambient Temperature, TA(℃)
Collector-Cutoff Current
vs. Ambient Temperature
500
0.1
75
25
50
100
125
150
100
1
10
VCB=40V
0.1
1
10
100
12
4
Reverse Bias Voltage (V)
Emitter Transition and Output
Capacitance vs. Reverse Bias Voltage
8
16
20
Cte
Cob
f=1MHz


同様の部品番号 - PZT2222A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
logo
GUANGDONG HOTTECH INDUS...
PZT2222A HOTTECH-PZT2222A Datasheet
379Kb / 2P
   Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
PZT2222A SIEMENS-PZT2222A Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
logo
ON Semiconductor
PZT2222A ONSEMI-PZT2222A Datasheet
113Kb / 5P
   NPN Silicon Planar Epitaxial Transistor
August, 2013 ??Rev. 9
logo
Fairchild Semiconductor
PZT2222A FAIRCHILD-PZT2222A Datasheet
113Kb / 6P
   NPN General Purpose Amplifier
More results

同様の説明 - PZT2222A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com