データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ABT18245ADLG4 データシート(PDF) 10 Page - Texas Instruments

部品番号 SN74ABT18245ADLG4
部品情報  SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT18245ADLG4 データシート(HTML) 10 Page - Texas Instruments

Back Button SN74ABT18245ADLG4 Datasheet HTML 6Page - Texas Instruments SN74ABT18245ADLG4 Datasheet HTML 7Page - Texas Instruments SN74ABT18245ADLG4 Datasheet HTML 8Page - Texas Instruments SN74ABT18245ADLG4 Datasheet HTML 9Page - Texas Instruments SN74ABT18245ADLG4 Datasheet HTML 10Page - Texas Instruments SN74ABT18245ADLG4 Datasheet HTML 11Page - Texas Instruments SN74ABT18245ADLG4 Datasheet HTML 12Page - Texas Instruments SN74ABT18245ADLG4 Datasheet HTML 13Page - Texas Instruments SN74ABT18245ADLG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
SN54ABT18245A, SN74ABT18245A
SCAN TEST DEVICES
WITH 18-BIT BUS TRANSCEIVERS
SCBS110H – AUGUST 1992 – REVISED FEBRUARY 1999
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
bypass register
The bypass register is a 1-bit scan path that can be selected to shorten the length of the system scan path,
reducing the number of bits per test pattern that must be applied to complete a test operation. During
Capture-DR, the bypass register captures a logic 0. The bypass register order of scan is shown in
Figure 4.
Bit 0
TDO
TDI
Figure 4. Bypass Register Order of Scan
device-identification register
The device-identification register (IDR) is 32 bits long. It can be selected and read to identify the manufacturer,
part number, and version of this device.
During Capture-DR, the binary value 00010000000000000101000000101111 (1000502F, hex) is captured in
the IDR to identify this device as Texas Instruments SN54/74ABT18245A. The IDR order of scan is from TDI
through bits 31–0 to TDO. Table 2 shows the IDR bits and their significance.
Table 2. Device-Identification Register Configuration
IDR BIT
NUMBER
IDENTIFICATION
SIGNIFICANCE
IDR BIT
NUMBER
IDENTIFICATION
SIGNIFICANCE
IDR BIT
NUMBER
IDENTIFICATION
SIGNIFICANCE
31
VERSION3
27
PARTNUMBER15
11
MANUFACTURER10†
30
VERSION2
26
PARTNUMBER14
10
MANUFACTURER09†
29
VERSION1
25
PARTNUMBER13
9
MANUFACTURER08†
28
VERSION0
24
PARTNUMBER12
8
MANUFACTURER07†
23
PARTNUMBER11
7
MANUFACTURER06†
22
PARTNUMBER10
6
MANUFACTURER05†
21
PARTNUMBER09
5
MANUFACTURER04†
20
PARTNUMBER08
4
MANUFACTURER03†
19
PARTNUMBER07
3
MANUFACTURER02†
18
PARTNUMBER06
2
MANUFACTURER01†
17
PARTNUMBER05
1
MANUFACTURER00†
16
PARTNUMBER04
0
LOGIC1†
15
PARTNUMBER03
14
PARTNUMBER02
13
PARTNUMBER01
12
PARTNUMBER00
† Note that for TI products, bits 11–0 of the device-identification register always contain the binary value 000000101111
(02F, hex).


同様の部品番号 - SN74ABT18245ADLG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT18245ADLG4 TI-SN74ABT18245ADLG4 Datasheet
617Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
More results

同様の説明 - SN74ABT18245ADLG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54ABT18245A TI-SN54ABT18245A Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_08 Datasheet
617Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18640 TI-SN54ABT18640 Datasheet
400Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_08 Datasheet
832Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A Datasheet
549Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_07 Datasheet
802Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
74ABTH182652APMG4 TI1-74ABTH182652APMG4 Datasheet
580Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABTH18652A TI-SN54ABTH18652A Datasheet
575Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABT18652 TI-SN54ABT18652 Datasheet
169Kb / 11P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABT18245 TI1-SN54ABT18245 Datasheet
435Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com