データシートサーチシステム |
|
74VCX132 データシート(PDF) 3 Page - Fairchild Semiconductor |
|
74VCX132 データシート(HTML) 3 Page - Fairchild Semiconductor |
3 / 10 page 3 www.fairchildsemi.com Absolute Maximum Ratings(Note 2) Recommended Operating Conditions (Note 4) Note 2: The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table will define the conditions for actual device operation. Note 3: IO Absolute Maximum Rating must be observed. Note 4: Floating or unused inputs must be held HIGH or LOW. DC Electrical Characteristics Supply Voltage (VCC) 0.5V to 4.6V DC Input Voltage (VI) 0.5V to 4.6V DC Output Voltage (VO) HIGH or LOW State (Note 3) 0.5V to VCC 0.5V VCC 0V 0.5V to 4.6V DC Input Diode Current (IIK) VI 0V 50 mA DC Output Diode Current (IOK) VO 0V 50 mA VO ! VCC 50 mA DC Output Source/Sink Current (IOH/IOL) r50 mA DC VCC or Ground Current per Supply Pin (ICC or Ground) r100 mA Storage Temperature (TSTG) 65qC to 150qC Power Supply Operating 1.4V to 3.6V Input Voltage 0.3V to 3.6V Output Voltage (VO) HIGH or LOW State 0V to VCC Output Current in IOH/IOL VCC 3.0V to 3.6V r24 mA VCC 2.3V to 2.7V r18 mA VCC 1.65V to 2.3V r6 mA VCC 1.4V to 1.6V r2 mA Free Air Operating Temperature (TA) 40qC to 85qC Symbol Parameter Conditions VCC Min Max Units (V) Vt HIGH Level Input Voltage 3.6 2.2 V 3.0 2.0 2.3 1.6 1.6 1.2 1.4 1.2 Vt LOW Level Input Voltage 3.6 0.8 V 3.0 0.7 2.3 0.5 1.6 0.2 1.4 0.2 VH Input Hysteresis 3.6 0.3 1.2 V 3.0 0.3 1.2 2.3 0.3 1.0 1.60.150.9 1.40.150.9 VOH HIGH Level Output Voltage IOH 100 PA 2.7 - 3.6 VCC - 0.2 V IOH 12 mA 2.7 2.2 IOH 18 mA 3.0 2.4 IOH 24mA 3.0 2.2 IOH 100 PA 2.3 - 2.7 VCC - 0.2 IOH 6 mA 2.3 2.0 IOH 12 mA 2.3 1.8 IOH 18 mA 2.3 1.7 IOH 100 PA 1.65 - 2.3 VCC - 0.2 IOH 6 mA 1.65 1.25 IOH 100PA 1.4 - 1.6 VCC - 0.2 IOH 2 mA 1.4 1.05 |
同様の部品番号 - 74VCX132 |
|
同様の説明 - 74VCX132 |