データシートサーチシステム |
|
MC74VHCXXXXD データシート(PDF) 4 Page - ON Semiconductor |
|
MC74VHCXXXXD データシート(HTML) 4 Page - ON Semiconductor |
4 / 13 page http://onsemi.com 4 AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, ON/OFF Control Inputs: tr = tf = 6 ns) Symbol Parameter VCC V Guaranteed Limit Unit – 55 to 25_C v 85_C v 125_C tPLH, tPHL Maximum Propagation Delay, Analog Input to Analog Output (Figures 18 and 13) 2.0 3.0 4.5 9.0 12.0 40 30 5 5 5 50 40 7 7 7 60 50 8 8 8 ns tPLZ, tPHZ Maximum Propagation Delay, ON/OFF Control to Analog Output (Figures 14 and 15) 2.0 3.0 4.5 9.0 12.0 80 60 20 20 20 90 70 25 25 25 110 80 35 35 35 ns tPZL, tPZH Maximum Propagation Delay, ON/OFF Control to Analog Output (Figures 14 and 15) 2.0 3.0 4.5 9.0 12.0 80 45 20 20 20 90 50 25 25 25 100 60 30 30 30 ns C Maximum Capacitance ON/OFF Control Input — 10 10 10 pF Control Input = GND Analog I/O Feedthrough — — 35 1.0 35 1.0 35 1.0 CPD Power Dissipation Capacitance (Per Switch) (Figure 17)* Typical @ 25°C, VCC = 5.0 V pF 15 * Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC. |
同様の部品番号 - MC74VHCXXXXD |
|
同様の説明 - MC74VHCXXXXD |