データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100LVEL12DTR2 データシート(PDF) 6 Page - ON Semiconductor

部品番号 MC100LVEL12DTR2
部品情報  3.3V ECL Low Impedance Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL12DTR2 データシート(HTML) 6 Page - ON Semiconductor

  MC100LVEL12DTR2 Datasheet HTML 1Page - ON Semiconductor MC100LVEL12DTR2 Datasheet HTML 2Page - ON Semiconductor MC100LVEL12DTR2 Datasheet HTML 3Page - ON Semiconductor MC100LVEL12DTR2 Datasheet HTML 4Page - ON Semiconductor MC100LVEL12DTR2 Datasheet HTML 5Page - ON Semiconductor MC100LVEL12DTR2 Datasheet HTML 6Page - ON Semiconductor MC100LVEL12DTR2 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MC100LVEL12
http://onsemi.com
6
PACKAGE DIMENSIONS
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.90
3.10
0.114
0.122
B
2.90
3.10
0.114
0.122
C
0.80
1.10
0.031
0.043
D
0.05
0.15
0.002
0.006
F
0.40
0.70
0.016
0.028
G
0.65 BSC
0.026 BSC
L
4.90 BSC
0.193 BSC
M
0
6
0
6
___
_
SEATING
PLANE
PIN 1
1
4
85
DETAIL E
B
C
D
A
G
DETAIL E
F
M
L
2X
L/2
−U−
S
U
0.15 (0.006) T
S
U
0.15 (0.006) T
S
U
M
0.10 (0.004)
V S
T
0.10 (0.004)
−T−
−V−
−W−
0.25 (0.010)
8x
REF
K
IDENT
K
0.25
0.40
0.010
0.016
TSSOP−8
DT SUFFIX
PLASTIC TSSOP PACKAGE
CASE 948R−02
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD FLASH.
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED 0.25 (0.010)
PER SIDE.
5. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
6. DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE −W−.


同様の部品番号 - MC100LVEL12DTR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEL12D ONSEMI-MC100LVEL12D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
More results

同様の説明 - MC100LVEL12DTR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EL12 ONSEMI-MC10EL12_06 Datasheet
143Kb / 8P
   5.0 V ECL Low Impedance Driver
December, 2006 ??Rev. 6
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC10EP89 ONSEMI-MC10EP89_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY10EL12 MICREL-SY10EL12_06 Datasheet
49Kb / 4P
   LOW-IMPEDANCE DRIVER
logo
ON Semiconductor
MC100LVEL12 ONSEMI-MC100LVEL12 Datasheet
52Kb / 2P
   Low Impedance Driver
1997 REV 0
logo
Semtech Corporation
SK10EL12WD SEMTECH-SK10EL12WD Datasheet
119Kb / 5P
   Low Impedance Driver
logo
ON Semiconductor
MC10EL12 ONSEMI-MC10EL12 Datasheet
73Kb / 2P
   Low Impedance Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL12 MICREL-SY10EL12 Datasheet
47Kb / 4P
   LOW-IMPEDANCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com