データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC1488P データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC1488P
部品情報  Quad Line EIA??32D Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1488P データシート(HTML) 1 Page - ON Semiconductor

  MC1488P Datasheet HTML 1Page - ON Semiconductor MC1488P Datasheet HTML 2Page - ON Semiconductor MC1488P Datasheet HTML 3Page - ON Semiconductor MC1488P Datasheet HTML 4Page - ON Semiconductor MC1488P Datasheet HTML 5Page - ON Semiconductor MC1488P Datasheet HTML 6Page - ON Semiconductor MC1488P Datasheet HTML 7Page - ON Semiconductor MC1488P Datasheet HTML 8Page - ON Semiconductor MC1488P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 8
1
Publication Order Number:
MC1488/D
MC1488
Quad Line EIA−232D Driver
The MC1488 is a monolithic quad line driver designed to interface
data terminal equipment with data communications equipment in
conformance with the specifications of EIA Standard No. EIA−232D.
Features
Current Limited Output
±10 mA typical
Power−Off Source Impedance
300
W minimum
Simple Slew Rate Control with External Capacitor
Flexible Operating Supply Range
Compatible with All ON Semiconductor MDTL and MTTL Logic
Families
Pb−Free Packages are Available
Figure 1. Simplified Application
MDTL Logic Output
Interconnecting
Cable
Interconnecting
Cable
MDTL Logic Input
Line Receiver
MC1489
Line Driver
MC1488
http://onsemi.com
PDIP−14
P SUFFIX
CASE 646
SOIC−14
D SUFFIX
CASE 751A
1
14
SOEIAJ−14
M SUFFIX
CASE 965
1
14
1
14
1
PIN CONNECTIONS
2
Output C
Input C2
Input C1
Output D
Input D2
VCC
14
Input D1
VEE
Input A
Output A
Input B1
Input B2
Gnd
Output B
8
9
10
11
12
13
7
5
3
4
1
6
See general marking information in the device marking
section on page 8 of this data sheet.
DEVICE MARKING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION


同様の部品番号 - MC1488P

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC1488P ONSEMI-MC1488P Datasheet
157Kb / 8P
   QUAD MDTL LINE DRIVER EIA-232D
1996 REV 3
logo
STMicroelectronics
MC1488P STMICROELECTRONICS-MC1488P Datasheet
323Kb / 12P
   RS232C QUAD LINE DRIVER
logo
Motorola, Inc
MC1488P MOTOROLA-MC1488P Datasheet
323Kb / 12P
   RS-232C QUAD LINE DRIVER
logo
STMicroelectronics
MC1488P STMICROELECTRONICS-MC1488P Datasheet
558Kb / 17P
   RS-232 quad line driver
logo
ARTSCHIP ELECTRONICS CO...
MC1488P ARTSCHIP-MC1488P Datasheet
377Kb / 7P
   Quad Line Driver
More results

同様の説明 - MC1488P

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC1489 ONSEMI-MC1489_06 Datasheet
156Kb / 12P
   Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
MC3488A ONSEMI-MC3488A_06 Datasheet
79Kb / 6P
   Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
MC1488 ONSEMI-MC1488 Datasheet
157Kb / 8P
   QUAD MDTL LINE DRIVER EIA-232D
1996 REV 3
logo
Motorola, Inc
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
logo
Motorola, Inc
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
   Quad EIA-422-A Line Receiver
MC34C86 MOTOROLA-MC34C86 Datasheet
116Kb / 4P
   Quad EIA-422-A Line Receiver CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com