データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10176L データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC10176L
部品情報  Hex D Master/Slave Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10176L データシート(HTML) 3 Page - ON Semiconductor

  MC10176L Datasheet HTML 1Page - ON Semiconductor MC10176L Datasheet HTML 2Page - ON Semiconductor MC10176L Datasheet HTML 3Page - ON Semiconductor MC10176L Datasheet HTML 4Page - ON Semiconductor MC10176L Datasheet HTML 5Page - ON Semiconductor MC10176L Datasheet HTML 6Page - ON Semiconductor MC10176L Datasheet HTML 7Page - ON Semiconductor MC10176L Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10176
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(V
)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
8
1, 16
Input Current
IinH
5
9
5
9
8
8
1, 16
1, 16
IinL
5
9
5
9
8
8
1, 16
1, 16
Output Voltage
Logic 1
VOH
2
[
15
[
5
12
8
8
1, 16
1, 16
Output Voltage
Logic 0
VOL
2
[
15
[
5
12
8
8
1, 16
1, 16
Threshold Voltage
Logic 1
VOHA
2
[
15
[
5
12
8
8
1, 16
1, 16
Threshold Voltage
Logic 0
VOLA
2
[
15
[
5
12
8
8
1, 16
1, 16
Switching Times
(50
Ω Load)
+1.11Vdc
+0.31V
Pulse In
Pulse Out
–3.2 V
+2.0 V
Clock Input
Propagation Delay
t9+2+
t9+2–
2
2
5, 9
5, 9
2
2
8
8
1, 16
1, 16
Rise Time
(20 to 80%)
t2+
2
5, 9
2
8
1, 16
Fall Time
(20 to 80%)
t2–
2
5, 9
2
8
1, 16
Setup Time
tsetup
2
5, 9
2
8
1, 16
Hold Time
thold
2
5, 9
2
8
1, 16
Toggle Frequency (Max)
ftog
2
8
1, 16
[ Output level to be measured after a clock pulse has been applied to the C Input (Pin 9)
VIHmax
VILmin
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


同様の部品番号 - MC10176L

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10176 ONSEMI-MC10176 Datasheet
106Kb / 5P
   Hex D Master/Slave Flip-Flop
1996 REV 5
More results

同様の説明 - MC10176L

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H176 ONSEMI-MC10H176 Datasheet
97Kb / 4P
   Hex D Master-Slave Flip-Flop
1996 REV 5
MC10176 ONSEMI-MC10176 Datasheet
106Kb / 5P
   Hex D Master/Slave Flip-Flop
1996 REV 5
MC10186 ONSEMI-MC10186 Datasheet
108Kb / 5P
   Hex D Master-Slave Flip-Flop With Reset
1996 REV 5
MC10186 ONSEMI-MC10186_02 Datasheet
110Kb / 8P
   Hex D Master-Slave Flip-Flop with Reset
January, 2002 ??Rev. 7
MC10H186 ONSEMI-MC10H186 Datasheet
100Kb / 4P
   Hex D Master-Slave Flip-Flop with Reset
1996 REV 5
logo
Motorola, Inc
MC1670 MOTOROLA-MC1670 Datasheet
80Kb / 4P
   Master-Slave Flip-Flop
logo
National Semiconductor ...
11C70 NSC-11C70 Datasheet
149Kb / 6P
   MASTER-SLAVE D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC10131 ONSEMI-MC10131 Datasheet
111Kb / 5P
   Dual TYPE D Master-Slave Flip-Flop
1996 REV 5
MC10131 ONSEMI-MC10131_02 Datasheet
112Kb / 8P
   Dual Type D Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10H131 ONSEMI-MC10H131 Datasheet
98Kb / 4P
   Dual D Type Master-Slave Flip-Flop
REV 5
More results


Html Pages

1 2 3 4 5 6 7 8