データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC12093DG データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC12093DG
部品情報  /2,/4,/8 1.1 GHz Low Power Prescaler with Stand?묪y Mode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC12093DG データシート(HTML) 1 Page - ON Semiconductor

  MC12093DG Datasheet HTML 1Page - ON Semiconductor MC12093DG Datasheet HTML 2Page - ON Semiconductor MC12093DG Datasheet HTML 3Page - ON Semiconductor MC12093DG Datasheet HTML 4Page - ON Semiconductor MC12093DG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 6
1
Publication Order Number:
MC12093/D
MC12093
÷2, ÷4, ÷8 1.1 GHz Low
Power Prescaler with
Stand−By Mode
Description
The MC12093 is a single modulus prescaler for low power
frequency division of a 1.1 GHz high frequency input signal.
MOSAIC V
™ technology is utilized to achieve low power dissipation
of 6.75 mW at a minimum supply voltage of 2.7 V.
On−chip output termination provides output current to drive a
2.0 pF (typical) high impedance load. If additional drive is required
for the prescaler output, an external resistor can be added parallel from
the OUT pin to GND to increase the output power. Care must be taken
not to exceed the maximum allowable current through the output.
Divide ratio control inputs SW1 and SW2 select the required divide
ratio of
÷2, ÷4, or ÷8.
Stand−By mode is featured to reduce current drain to 50
mA typical
when the standby pin SB is switched LOW disabling the prescaler.
Features
1.1 GHz Toggle Frequency
Supply Voltage 2.7 V to 5.5 Vdc
Low Power 3.0 mA Typical
Operating Temperature −40°C to 85°C
Divide by 2, 4 or 8 Selected by SW1 and SW2 Pins
On−Chip Termination
Pb−Free Packages are Available
Table 1. FUNCTIONAL TABLE
SW
SW2
Divide Ratio
L
L
8
H
L
4
L
H
4
H
H
2
1. SW1 & SW2: H = (VCC − 0.5 V) to VCC; L = Open.
2. SB: H = 2.0 V to VCC, L = GND to 0.8 V.
Figure 1. Function Chart
IN
÷2
÷4
÷8
http://onsemi.com
SO−8
D SUFFIX
CASE 751
PIN CONNECTIONS
MARKING
DIAGRAM
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
IN
8
IN
VCC
SW2
OUT
SB
SW1
Gnd
7
6
5
1
2
3
4
(Top View)
A LOW on the Stand−By Pin 7 disables the device.
1
8
12093
ALYW
G
1
8
DFN8
MN SUFFIX
CASE 506AA
14
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION


同様の部品番号 - MC12093DG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC12093DG ONSEMI-MC12093DG Datasheet
144Kb / 5P
   1.1 GHz Low Power Prescaler with Stand?륛y Mode
August, 2016 ??Rev. 8
More results

同様の説明 - MC12093DG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC12095 ONSEMI-MC12095_06 Datasheet
133Kb / 8P
   2.5 GHz Low Power Prescaler With Stand?묪y Mode
January, 2006 ??Rev. 6
MC12093 ONSEMI-MC12093_16 Datasheet
144Kb / 5P
   1.1 GHz Low Power Prescaler with Stand?륛y Mode
August, 2016 ??Rev. 8
logo
Motorola, Inc
MC12053A MOTOROLA-MC12053A Datasheet
252Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler With Stand-By Mode
MC12093 MOTOROLA-MC12093 Datasheet
244Kb / 3P
   /2,/4,/8 1.1GHz Low Power Prescaler with Stand-By Mode
MC12095 MOTOROLA-MC12095 Datasheet
250Kb / 5P
   2.5 GHz Low Power Prescaler With Stand-By Mode
logo
ON Semiconductor
MC12095 ONSEMI-MC12095 Datasheet
43Kb / 8P
   2.5 GHz Low Power Prescaler With Stand-By Mode
November, 2001 ??Rev. 5
MC12080 ONSEMI-MC12080_13 Datasheet
107Kb / 4P
   1.1 GHz Prescaler
May, 2013 ??Rev. 7
MC12080 ONSEMI-MC12080_06 Datasheet
123Kb / 4P
   1.1 GHz Prescaler
January, 2006 ??Rev. 6
logo
LANSDALE Semiconductor ...
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038 LANSDALE-ML12038_08 Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com