データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14513BCP データシート(PDF) 7 Page - ON Semiconductor

部品番号 MC14513BCP
部品情報  BCD?뭈o?뭆even Segment Latch/Decoder/Driver CMOS MSI (Low?뭁ower Complementary MOS)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14513BCP データシート(HTML) 7 Page - ON Semiconductor

Back Button MC14513BCP Datasheet HTML 2Page - ON Semiconductor MC14513BCP Datasheet HTML 3Page - ON Semiconductor MC14513BCP Datasheet HTML 4Page - ON Semiconductor MC14513BCP Datasheet HTML 5Page - ON Semiconductor MC14513BCP Datasheet HTML 6Page - ON Semiconductor MC14513BCP Datasheet HTML 7Page - ON Semiconductor MC14513BCP Datasheet HTML 8Page - ON Semiconductor MC14513BCP Datasheet HTML 9Page - ON Semiconductor MC14513BCP Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC14513B
http://onsemi.com
7
CONNECTIONS TO VARIOUS DISPLAY READOUTS
LIGHT EMITTING DIODE (LED) READOUT
INCANDESCENT READOUT
FLUORESCENT READOUT
GAS DISCHARGE READOUT
LIQUID CRYSTAL (LC) READOUT
VDD
COMMON
CATHODE LED
VSS
≈ 1.7 V
VDD
COMMON
ANODE LED
≈ 1.7 V
VSS
VDD
VDD
VSS
VDD
DIRECT
(LOW BRIGHTNESS)
FILAMENT
(SUPPLY)
VSS
VSS OR APPROPRIATE
VOLTAGE BELOW VSS.
VDD
VSS
APPROPRIATE
VOLTAGE
VDD
VSS
EXCITATION
(SQUARE WAVE,
VSS TO VDD)
1/4 OF MC14070B
** A filament pre−warm resistor is recommended to reduce
filament thermal shock and increase the effective cold
resistance of the filament.
Direct dc drive of LC’s not recommended for life of LC readouts.
* *


同様の部品番号 - MC14513BCP

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14513BCP ONSEMI-MC14513BCP Datasheet
185Kb / 12P
   BCD-To-Seven Segment Latch/Decoder/Driver
March, 2000 ??Rev. 3
More results

同様の説明 - MC14513BCP

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14511B ONSEMI-MC14511B_06 Datasheet
203Kb / 10P
   BCD?뭈o?뭆even Segment Latch/Decoder/Driver
September, 2006 ??Rev. 8
MC14543B ONSEMI-MC14543B_06 Datasheet
112Kb / 8P
   BCD?뭪o?뭆even Segment Latch/Decoder/Driver for Liquid Crystals
June, 2006 ??Rev. 6
logo
List of Unclassifed Man...
SCL4511B ETC1-SCL4511B Datasheet
453Kb / 2P
   CMOS BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Unisonic Technologies
UTCMC14511 UTC-UTCMC14511 Datasheet
141Kb / 9P
   CMOS IC BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
   BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Hitachi Semiconductor
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Toshiba Semiconductor
TC4511BP TOSHIBA-TC4511BP_07 Datasheet
401Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
   BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
   BCD TO 7 SEGMENT LATCH/DECODER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com