データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14515BCPG データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC14515BCPG
部品情報  4?묪it Transparent Latch / 4?뭪o??6 Line Decoder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14515BCPG データシート(HTML) 2 Page - ON Semiconductor

  MC14515BCPG Datasheet HTML 1Page - ON Semiconductor MC14515BCPG Datasheet HTML 2Page - ON Semiconductor MC14515BCPG Datasheet HTML 3Page - ON Semiconductor MC14515BCPG Datasheet HTML 4Page - ON Semiconductor MC14515BCPG Datasheet HTML 5Page - ON Semiconductor MC14515BCPG Datasheet HTML 6Page - ON Semiconductor MC14515BCPG Datasheet HTML 7Page - ON Semiconductor MC14515BCPG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC14514B, MC14515B
http://onsemi.com
2
Data Inputs
Selected Output
MC14514 = Logic “1”
Inhibit
D
C
B
A
MC14515 = Logic “0”
00
0
0
0
S0
00
0
0
1
S1
00
0
1
0
S2
00
0
1
1
S3
00
1
0
0
S4
00
1
0
1
S5
00
1
1
0
S6
00
1
1
1
S7
01
0
0
0
S8
01
0
0
1
S9
0
1
0
1
0
S10
01
0
1
1
S11
0
1
1
0
0
S12
0
1
1
0
1
S13
0
1
1
1
0
S14
0
1
1
1
1
S15
1
X
X
X
X
All Outputs = 0, MC14514
All Outputs = 1, MC14515
DECODE TRUTH TABLE (Strobe = 1)*
X = Don’t Care
*Strobe = 0, Data is latched
BLOCK DIAGRAM
VDD = PIN 24
VSS = PIN 12
4 TO 16
DECODER
TRANSPARENT
LATCH
STROBE
INHIBIT
2
3
1
21
22
23
DATA 1
DATA 2
DATA 3
DATA 4
A
B
C
D20
17
18
4
5
6
7
8
10
9
11
19
16
13
14
15
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
A B C D
S15
S14
S13
S12
S11
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
ORDERING INFORMATION
Device
Package
Shipping
MC14514BCP
PDIP−24
15 Units / Rail
MC14514BCPG
PDIP−24
(Pb−Free)
MC14514BDW
SOIC−24
30 Units / Rail
MC14514BDWR2
SOIC−24
1000 / Tape & Reel
MC14514BDWR2G
SOIC−24
(Pb−Free)
MC14515BCP
PDIP−24
15 Units / Rail
MC14515BCPG
PDIP−24
(Pb−Free)
MC14515BDW
SOIC−24
30 Units / Rail
MC14515BDWR2
SOIC−24
1000 / Tape & Reel
MC14515BDWR2G
SOIC−24
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


同様の部品番号 - MC14515BCPG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14515BCP ONSEMI-MC14515BCP Datasheet
202Kb / 12P
   4-Bit Transparent Latch/4-to-16 Line Decoder
March, 2000 ??Rev. 3
More results

同様の説明 - MC14515BCPG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14514B ONSEMI-MC14514B Datasheet
202Kb / 12P
   4-Bit Transparent Latch/4-to-16 Line Decoder
March, 2000 ??Rev. 3
MC14514B ONSEMI-MC14514B_13 Datasheet
130Kb / 8P
   4-Bit Transparent Latch / 4-to-16 Line Decoder
May, 2013 ??Rev. 9
MC74VHCT138A ONSEMI-MC74VHCT138A_06 Datasheet
103Kb / 7P
   3?뭪o?? Line Decoder
January, 2006 ??Rev. 3
logo
STMicroelectronics
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
289Kb / 12P
   4 TO 16 LINE DECODER/LATCH
logo
Toshiba Semiconductor
TC74HC4514AP TOSHIBA-TC74HC4514AP_07 Datasheet
325Kb / 8P
   4-to-16 Line Decoder/Latch
TC74HC4514AP TOSHIBA-TC74HC4514AP Datasheet
237Kb / 5P
   4-TO-16 LINE DECODER/LATCH
logo
STMicroelectronics
M74HC4515 STMICROELECTRONICS-M74HC4515 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH (INV.)
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH INV.
HCC4514B STMICROELECTRONICS-HCC4514B Datasheet
261Kb / 11P
   4-BIT LATCH/4-TO-16 LINE DECODER
logo
Hitachi Semiconductor
HD74HC4514 HITACHI-HD74HC4514 Datasheet
52Kb / 8P
   4-bit Latch/4-to-16-line Decoder
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com