データシートサーチシステム |
|
MC14551BDR2 データシート(PDF) 6 Page - ON Semiconductor |
|
MC14551BDR2 データシート(HTML) 6 Page - ON Semiconductor |
6 / 10 page MC14551B http://onsemi.com 6 TEST CIRCUITS Figure 3. DV Across Switch Figure 4. Propagation Delay Times, Control to Output CONTROL SECTION OF IC SOURCE V LOAD ON SWITCH PULSE GENERATOR CONTROL Vout CL RL VDD VEE VEE VDD Figure 5. Bandwidth and Off−Channel Feedthrough Attenuation Figure 6. Channel Separation (Adjacent Channels Used for Setup) CONTROL Vout CL = 50 pF RL Vin CONTROL CL = 50 pF RL Vout RL OFF ON Vin VDD − VEE 2 Figure 7. Crosstalk, Control Input to Common O/I Figure 8. Off Channel Leakage CONTROL Vout CL = 50 pF RL R1 CONTROL SECTION OF IC OFF CHANNEL UNDER TEST OTHER CHANNEL(S) VDD VEE VEE VDD VEE VDD Control input used to turn ON or OFF the switch under test. VDD − VEE 2 Figure 9. Channel Resistance (RON) Test Circuit VDD VEE = VSS 10 k VDD X/Y PLOTTER 1 kW RANGE KEITHLEY 160 DIGITAL MULTIMETER |
同様の部品番号 - MC14551BDR2 |
|
同様の説明 - MC14551BDR2 |