データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33030DWG データシート(PDF) 6 Page - ON Semiconductor

部品番号 MC33030DWG
部品情報  DC Servo Motor Controller/Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33030DWG データシート(HTML) 6 Page - ON Semiconductor

Back Button MC33030DWG Datasheet HTML 2Page - ON Semiconductor MC33030DWG Datasheet HTML 3Page - ON Semiconductor MC33030DWG Datasheet HTML 4Page - ON Semiconductor MC33030DWG Datasheet HTML 5Page - ON Semiconductor MC33030DWG Datasheet HTML 6Page - ON Semiconductor MC33030DWG Datasheet HTML 7Page - ON Semiconductor MC33030DWG Datasheet HTML 8Page - ON Semiconductor MC33030DWG Datasheet HTML 9Page - ON Semiconductor MC33030DWG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MC33030
http://onsemi.com
6
Figure 7. Brake Diode Forward Current
versus Forward Voltage
VF, FORWARD VOLTAGE (V)
TA = 25°C
Figure 8. Output Source Current−Limit versus
Overcurrent Reference Resistance
1.5
ROC, OVERCURRENT REFERENCE RESISTANCE (kW)
VCC = 14 V
TA = 25°C
800
80
60
40
020
600
400
1.1
0.9
0.7
0.5
0
1.3
100
200
300
400
100
0
200
500
TA, AMBIENT TEMPERATURE (°C)
Figure 9. Output Source Current−Limit
versus Temperature
− 55
VCC = 14 V
− 25
0
TA, AMBIENT TEMPERATURE (°C)
1.00
0.96
0.92
0.88
− 55
125
25
50
100
75
1.04
25
ROC = 27 k
ROC = 68 k
ROC = 15 k
125
75
50
0
− 25
100
VCC = 14 V
0
400
600
200
Figure 10. Normalized Delay Pin Source
Current versus Temperature
Figure 11. Normalized Overcurrent Delay
Threshold Voltage versus Temperature
Figure 12. Supply Current versus
Supply Voltage
75
100
50
25
− 55
0.96
0.98
1.04
1.00
0
− 25
VCC = 14 V
Pins 6 to 7
Pins 2 to 8
TA = 25°C
125
28
24
20
1.02
24
16
32
40
0
4.0
8.0
12
VCC, SUPPLY VOLTAGE (V)
TA, AMBIENT TEMPERATURE (°C)
Over−
Voltage
Shutdown
Range
8.0
016
Minimum
Operating
Voltage
Range


同様の部品番号 - MC33030DWG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33030DW ONSEMI-MC33030DW Datasheet
322Kb / 16P
   DC SERVO MOTOR CONTROLLER/DRIVER
1996 REV 2
More results

同様の説明 - MC33030DWG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33030 ONSEMI-MC33030 Datasheet
322Kb / 16P
   DC SERVO MOTOR CONTROLLER/DRIVER
1996 REV 2
logo
Toshiba Semiconductor
TB9056FNG TOSHIBA-TB9056FNG Datasheet
778Kb / 45P
   Automotive DC Servo Motor Driver
2017-08-09
logo
Infineon Technologies A...
TLE4209 INFINEON-TLE4209 Datasheet
93Kb / 12P
   DC Motor Driver for Servo Driver Applications
2000-09-05
TLE4209A INFINEON-TLE4209A_16 Datasheet
404Kb / 14P
   DC Motor Driver for Servo Driver Applications
Rev.1.2, 2016-07-25
TLE4209A INFINEON-TLE4209A Datasheet
329Kb / 14P
   DC Motor Driver for Servo Driver Applications
Rev.1.1, 2007-07-24
logo
IK Semicon Co., Ltd
IK8508 IKSEMICON-IK8508 Datasheet
723Kb / 12P
   DC Motor Driver for Servo Driver Applications
logo
Agamem Microelectronic ...
AA51880 AGAMEM-AA51880 Datasheet
387Kb / 10P
   SERVO MOTOR CONTROLLER
AA51882 AGAMEM-AA51882 Datasheet
239Kb / 8P
   SERVO MOTOR CONTROLLER
AA51883 AGAMEM-AA51883 Datasheet
110Kb / 7P
   SERVO MOTOR CONTROLLER
AA51890 AGAMEM-AA51890 Datasheet
233Kb / 7P
   SERVO MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com