データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33033DW データシート(PDF) 8 Page - ON Semiconductor

部品番号 MC33033DW
部品情報  Brushless DC Motor Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33033DW データシート(HTML) 8 Page - ON Semiconductor

Back Button MC33033DW Datasheet HTML 4Page - ON Semiconductor MC33033DW Datasheet HTML 5Page - ON Semiconductor MC33033DW Datasheet HTML 6Page - ON Semiconductor MC33033DW Datasheet HTML 7Page - ON Semiconductor MC33033DW Datasheet HTML 8Page - ON Semiconductor MC33033DW Datasheet HTML 9Page - ON Semiconductor MC33033DW Datasheet HTML 10Page - ON Semiconductor MC33033DW Datasheet HTML 11Page - ON Semiconductor MC33033DW Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
MC33033, NCV33033
http://onsemi.com
8
Gnd
VCC
− 2.0
40
0
IO, OUTPUT LOAD CURRENT (mA)
0
0
−1.0
2.0
1.0
80
60
20
50 ns/DIV
VCC = 20 V
CL = 15 pF
TA = 25°C
50 ns/DIV
VCC = 20 V
CL = 1.0 nF
TA = 25°C
50 ns/DIV
VCC = 20 V
RL = 1.0 k
CL = 15 pF
TA = 25°C
Figure 14. Top Drive Output Waveform
Figure 15. Bottom Drive Output Waveform
Figure 16. Bottom Drive Output Waveform
Figure 17. Bottom Drive Output Saturation
Voltage versus Load Current
Figure 18. Supply Current versus Voltage
VCC, SUPPLY VOLTAGE (V)
0
0
20
18
16
14
12
10
8.0
6.0
4.0
2.0
30
25
20
15
10
5.0
Sink Saturation
(Load to VCC)
Source Saturation
(Load to Ground)
VCC = 20 V
TA = 25°C
RT = 4.7 k
CT = 10 nF
Pins 3−6, 12, 13 = Gnd
Pins 18, 19 = Open
TA = 25°C
0
100
0
100
0
100


同様の部品番号 - MC33033DW

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33033DW ONSEMI-MC33033DW Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
More results

同様の説明 - MC33033DW

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com