データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33035P データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC33035P
部品情報  Brushless DC Motor Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33035P データシート(HTML) 5 Page - ON Semiconductor

  MC33035P Datasheet HTML 1Page - ON Semiconductor MC33035P Datasheet HTML 2Page - ON Semiconductor MC33035P Datasheet HTML 3Page - ON Semiconductor MC33035P Datasheet HTML 4Page - ON Semiconductor MC33035P Datasheet HTML 5Page - ON Semiconductor MC33035P Datasheet HTML 6Page - ON Semiconductor MC33035P Datasheet HTML 7Page - ON Semiconductor MC33035P Datasheet HTML 8Page - ON Semiconductor MC33035P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
MC33035, NCV33035
http://onsemi.com
5
5.0
μs/DIV
AV = +1.0
No Load
TA = 25°C
4.5
3.0
1.5
1.0
μs/DIV
AV = +1.0
No Load
TA = 25°C
3.05
3.0
2.95
Gnd
Vref
IO, OUTPUT LOAD CURRENT (mA)
f, FREQUENCY (Hz)
56
1.0 k
220
200
180
160
140
120
100
80
60
−24
−16
− 8.0
0
8.0
16
24
32
40
48
10 M
1.0 M
100 k
10 k
40
240
Phase
Gain
TA, AMBIENT TEMPERATURE (°C)
−55
− 4.0
− 2.0
0
2.0
125
4.0
100
75
50
25
0
−25
100
CT = 1.0 nF
CT = 100 nF
1.0
RT, TIMING RESISTOR (kΩ)
1000
100
10
0
10
CT = 10 nF
Figure 1. Oscillator Frequency versus
Timing Resistor
Figure 2. Oscillator Frequency Change
versus Temperature
Figure 3. Error Amp Open Loop Gain and
Phase versus Frequency
Figure 4. Error Amp Output Saturation
Voltage versus Load Current
Figure 5. Error Amp Small−Signal
Transient Response
Figure 6. Error Amp Large−Signal
Transient Response
0
1.0
2.0
0
− 0.8
−1.6
1.6
0.8
5.0
4.0
3.0
0
VCC = 20 V
VC = 20 V
TA = 25°C
VCC = 20 V
VC = 20 V
RT = 4.7 k
CT = 10 nF
Source Saturation
(Load to Ground)
VCC = 20 V
VC = 20 V
TA = 25°C
Sink Saturation
(Load to Vref)
VCC = 20 V
VC = 20 V
VO = 3.0 V
RL = 15 k
CL = 100 pF
TA = 25°C


同様の部品番号 - MC33035P

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33035P ONSEMI-MC33035P Datasheet
649Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
April, 2004 ??Rev. 7
MC33035P ONSEMI-MC33035P Datasheet
430Kb / 28P
   Brushless DC Motor Controller
April, 2004 ??Rev. 7
MC33035PG ONSEMI-MC33035PG Datasheet
430Kb / 28P
   Brushless DC Motor Controller
April, 2004 ??Rev. 7
More results

同様の説明 - MC33035P

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com