データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33039DR2 データシート(PDF) 7 Page - ON Semiconductor

部品番号 MC33039DR2
部品情報  Closed Loop Brushless Motor Adapter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33039DR2 データシート(HTML) 7 Page - ON Semiconductor

  MC33039DR2 Datasheet HTML 1Page - ON Semiconductor MC33039DR2 Datasheet HTML 2Page - ON Semiconductor MC33039DR2 Datasheet HTML 3Page - ON Semiconductor MC33039DR2 Datasheet HTML 4Page - ON Semiconductor MC33039DR2 Datasheet HTML 5Page - ON Semiconductor MC33039DR2 Datasheet HTML 6Page - ON Semiconductor MC33039DR2 Datasheet HTML 7Page - ON Semiconductor MC33039DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC33039, NCV33039
http://onsemi.com
7
PACKAGE DIMENSIONS
P SUFFIX
PLASTIC PACKAGE
CASE 626−05
ISSUE L
NOTES:
1. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
2. PACKAGE CONTOUR OPTIONAL (ROUND OR
SQUARE CORNERS).
3. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
14
5
8
F
NOTE 2
−A−
−B−
−T−
SEATING
PLANE
H
J
G
D
K
N
C
L
M
M
A
M
0.13 (0.005)
B M
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.40
10.16
0.370
0.400
B
6.10
6.60
0.240
0.260
C
3.94
4.45
0.155
0.175
D
0.38
0.51
0.015
0.020
F
1.02
1.78
0.040
0.070
G
2.54 BSC
0.100 BSC
H
0.76
1.27
0.030
0.050
J
0.20
0.30
0.008
0.012
K
2.92
3.43
0.115
0.135
L
7.62 BSC
0.300 BSC
M
−−−
10
−−−
10
N
0.76
1.01
0.030
0.040
__


同様の部品番号 - MC33039DR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33039D ONSEMI-MC33039D Datasheet
139Kb / 8P
   CLOSED LOOP BRUSHLESS MOTOR ADAPTER
1996 REV 0
More results

同様の説明 - MC33039DR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33039 ONSEMI-MC33039 Datasheet
139Kb / 8P
   CLOSED LOOP BRUSHLESS MOTOR ADAPTER
1996 REV 0
logo
List of Unclassifed Man...
NEMA17 ETC-NEMA17 Datasheet
577Kb / 5P
   Integrated Closed Loop Stepper Motor
Rev. 5.2
logo
International Rectifier
OMC506 IRF-OMC506 Datasheet
75Kb / 7P
   Closed Loop Speed Controller For 3-Phase Brushless DC Motor MP-3T Package
logo
List of Unclassifed Man...
TDA2085A ETC-TDA2085A Datasheet
1,000Kb / 11P
   CLOSED LOOP CONTROL
logo
Intersil Corporation
EL2072 INTERSIL-EL2072 Datasheet
96Kb / 6P
   730MHz Closed Loop Buffer
logo
List of Unclassifed Man...
DF45S024050-A2 ETC-DF45S024050-A2 Datasheet
140Kb / 1P
   Brushless Motor
logo
Elantec Semiconductor
EL2072C ELANTEC-EL2072C Datasheet
219Kb / 8P
   730 MHz Closed Loop Buffer
logo
National Semiconductor ...
LH4006 NSC-LH4006 Datasheet
180Kb / 6P
   Precision RF Closed Loop Buffer
logo
Beijing Yaohuadechang E...
HA2020 YHDC-HA2020 Datasheet
8Mb / 1P
   Hall closed loop current sensor
HAS2009 YHDC-HAS2009 Datasheet
3Mb / 1P
   Hall closed loop current sensor
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com