データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33077DR2G データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC33077DR2G
部品情報  Low Noise Dual Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33077DR2G データシート(HTML) 3 Page - ON Semiconductor

  MC33077DR2G Datasheet HTML 1Page - ON Semiconductor MC33077DR2G Datasheet HTML 2Page - ON Semiconductor MC33077DR2G Datasheet HTML 3Page - ON Semiconductor MC33077DR2G Datasheet HTML 4Page - ON Semiconductor MC33077DR2G Datasheet HTML 5Page - ON Semiconductor MC33077DR2G Datasheet HTML 6Page - ON Semiconductor MC33077DR2G Datasheet HTML 7Page - ON Semiconductor MC33077DR2G Datasheet HTML 8Page - ON Semiconductor MC33077DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC33077
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = −15 V, TA = 25°C, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Input Offset Voltage (RS = 10 W, VCM = 0 V, VO = 0 V)
TA = +25°C
TA = −40° to +85°C
|VIO|
0.13
1.0
1.5
mV
Average Temperature Coefficient of Input Offset Voltage
RS = 10 W, VCM = 0 V, VO = 0 V, TA = −40° to +85°C
DVIO/DT
2.0
mV/°C
Input Bias Current (VCM = 0 V, VO = 0 V)
TA = +25°C
TA = −40° to +85°C
IIB
280
1000
1200
nA
Input Offset Current (VCM = 0 V, VO = 0 V)
TA = +25°C
TA = −40° to +85°C
IIO
15
180
240
nA
Common Mode Input Voltage Range (
DVIO ,= 5.0 mV, VO = 0 V)
VICR
±13.5
±14
V
Large Signal Voltage Gain (VO = ±1.0 V, RL = 2.0 kW)
TA = +25°C
TA = −40° to +85°C
AVOL
150
125
400
kV/V
Output Voltage Swing (VID = ±1.0 V)
RL = 2.0 kW
RL = 2.0 kW
RL = 10 kW
RL = 10 kW
VO+
VO−
VO+
VO−
+13.0
+13.4
+13.6
−14.1
+14.0
−14.7
−13.5
−14.3
V
Common Mode Rejection (Vin = ±13 V)
CMR
85
107
dB
Power Supply Rejection (Note 3)
VCC/VEE = +15 V/ −15 V to +5.0 V/ −5.0 V
PSR
80
90
dB
Output Short Circuit Current (VID = ±1.0 V, Output to Ground)
Source
Sink
ISC
+10
−20
+26
−33
+60
+60
mA
Power Supply Current (VO = 0 V, All Amplifiers)
TA = +25°C
TA = −40° to +85°C
ID
3.5
4.5
4.8
mA
3. Measured with VCC and VEE simultaneously varied.


同様の部品番号 - MC33077DR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33077D ONSEMI-MC33077D Datasheet
237Kb / 12P
   DUAL, LOW NOISE OPERATIONAL AMPLIFIER
1996 REV 0
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
More results

同様の説明 - MC33077DR2G

メーカー部品番号データシート部品情報
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
   Low Noise Dual Operational Amplifier
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
   Low noise dual operational amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580 Datasheet
112Kb / 9P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
MC33077 ONSEMI-MC33077 Datasheet
237Kb / 12P
   DUAL, LOW NOISE OPERATIONAL AMPLIFIER
1996 REV 0
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
   Low-Noise Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com