データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33063ADG データシート(PDF) 11 Page - ON Semiconductor

部品番号 MC33063ADG
部品情報  1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33063ADG データシート(HTML) 11 Page - ON Semiconductor

Back Button MC33063ADG Datasheet HTML 5Page - ON Semiconductor MC33063ADG Datasheet HTML 6Page - ON Semiconductor MC33063ADG Datasheet HTML 7Page - ON Semiconductor MC33063ADG Datasheet HTML 8Page - ON Semiconductor MC33063ADG Datasheet HTML 9Page - ON Semiconductor MC33063ADG Datasheet HTML 10Page - ON Semiconductor MC33063ADG Datasheet HTML 11Page - ON Semiconductor MC33063ADG Datasheet HTML 12Page - ON Semiconductor MC33063ADG Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MC34063A, MC33063A, NCV33063A
http://onsemi.com
11
ORDERING INFORMATION
Device
Package
Shipping
MC33063AD
SOIC−8
98 Units / Rail
MC33063ADG
SOIC−8
(Pb−Free)
98 Units / Rail
MC33063ADR2
SOIC−8
2500 Units / Tape & Reel
MC33063ADR2G
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
MC33063AP1
PDIP−8
50 Units / Rail
MC33063AP1G
PDIP−8
(Pb−Free)
50 Units / Rail
MC33063AVD
SOIC−8
98 Units / Rail
MC33063AVDG
SOIC−8
(Pb−Free)
98 Units / Rail
MC33063AVDR2
SOIC−8
2500 Units / Tape & Reel
MC33063AVDR2G
SOIC−8
(Pb−Free)
NCV33063AVDR2*
SOIC−8
NCV33063AVDR2G*
SOIC−8
(Pb−Free)
MC33063AVP
PDIP−8
50 Units / Rail
MC33063AVPG
PDIP−8
(Pb−Free)
50 Units / Rail
MC34063AD
SOIC−8
98 Units / Rail
MC34063ADG
SOIC−8
(Pb−Free)
98 Units / Rail
MC34063ADR2
SOIC−8
2500 Units / Tape & Reel
MC34063ADR2G
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
MC34063AP1
PDIP−8
50 Units / Rail
MC34063AP1G
PDIP−8
(Pb−Free)
50 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
*NCV33063A: Tlow = −40°C, Thigh = +125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and
change control.


同様の部品番号 - MC33063ADG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33063ADG ONSEMI-MC33063ADG Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063ADG ONSEMI-MC33063ADG Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063ADG ONSEMI-MC33063ADG Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063ADG ONSEMI-MC33063ADG Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC33063ADG ONSEMI-MC33063ADG Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results

同様の説明 - MC33063ADG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34166 ONSEMI-MC34166_10 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34167 ONSEMI-MC34167_10 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com