データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NBSG16VSMNR2 データシート(PDF) 1 Page - ON Semiconductor

部品番号 NBSG16VSMNR2
部品情報  2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG16VSMNR2 データシート(HTML) 1 Page - ON Semiconductor

  NBSG16VSMNR2 Datasheet HTML 1Page - ON Semiconductor NBSG16VSMNR2 Datasheet HTML 2Page - ON Semiconductor NBSG16VSMNR2 Datasheet HTML 3Page - ON Semiconductor NBSG16VSMNR2 Datasheet HTML 4Page - ON Semiconductor NBSG16VSMNR2 Datasheet HTML 5Page - ON Semiconductor NBSG16VSMNR2 Datasheet HTML 6Page - ON Semiconductor NBSG16VSMNR2 Datasheet HTML 7Page - ON Semiconductor NBSG16VSMNR2 Datasheet HTML 8Page - ON Semiconductor NBSG16VSMNR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 7
1
Publication Order Number:
NBSG16VS/D
NBSG16VS
2.5V/3.3VSiGe Differential
Receiver/Driver with
Variable Output Swing
Description
The NBSG16VS is a differential receiver/driver targeted for high
frequency applications that require variable output swing. The device
is functionally equivalent to the EP16VS device with much higher
bandwidth and lower EMI capabilities. This device may be used for
applications driving VCSEL lasers.
Inputs incorporate internal 50
W termination resistors and accept
NECL (Negative ECL), PECL (Positive ECL), LVTTL, LVCMOS,
CML, or LVDS. The output amplitude is varied by applying a voltage
to the VCTRL input pin. Outputs are variable swing ECL from 100 mV
to 750 mV amplitude, optimized for operation from VCC − VEE =
3.0 V to 3.465 V.
The VBB and VMM pins are internally generated voltage supplies
available to this device only. The VBB is used as a reference voltage
for single−ended NECL or PECL inputs and the VMM pin is used as a
reference voltage for LVCMOS inputs. For single−ended input
operation, the unused complementary differential input is connected to
VBB or VMM as a switching reference voltage. VBB or VMM may also
rebias AC coupled inputs. When used, decouple VBB and VMM via a
0.01
mF capacitor and limit current sourcing or sinking to 0.5 mA.
When not used, VBB and VMM outputs should be left open.
Features
Maximum Input Clock Frequency up to 12 GHz Typical
Maximum Input Data Rate up to 12 Gb/s Typical
40 ps Typical Rise and Fall Times (VCTRL = VCC − 1 V)
120 ps Typical Propagation Delay (VCTRL = VCC − 1 V)
Variable Swing PECL Output with Operating Range: VCC = 2.375 V to
3.465 V with VEE = 0 V
Variable Swing NECL Output with NECL Inputs with
Operating Range: VCC = 0 V with VEE = −2.375 V to −3.465 V
Output Level (100 mV to 750 mV Peak−to−Peak Output;
VCC − VEE = 3.0 V to 3.465 V), Differential Output Only
50 W Internal Input Termination Resistors
Compatible with Existing 2.5 V/3.3 V EP Devices
VBB and VMM Reference Voltage Output
Pb−Free Packages are Available
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
FCBGA−16
BA SUFFIX
CASE 489
MARKING DIAGRAMS*
QFN−16
MN SUFFIX
CASE 485G
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)
SG
11
ALYW
16
SG
16VS
ALYW
G
G
1


同様の部品番号 - NBSG16VSMNR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBSG16 ONSEMI-NBSG16 Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG16 ONSEMI-NBSG16 Datasheet
160Kb / 12P
   SiGe Differential Receiver/Driver
June, 2014 ??Rev. 20
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16BA ONSEMI-NBSG16BA Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
More results

同様の説明 - NBSG16VSMNR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EP16VS ONSEMI-MC100EP16VS Datasheet
167Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing
December, 2006 ??Rev. 5
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
logo
Micrel Semiconductor
SY100EL16VS MICREL-SY100EL16VS_07 Datasheet
95Kb / 6P
   5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY100EL16VS MICREL-SY100EL16VS Datasheet
76Kb / 6P
   5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
logo
Semtech Corporation
SK10EL16VD SEMTECH-SK10EL16VD Datasheet
146Kb / 9P
   Differential Receiver with Variable Output Swing
logo
ON Semiconductor
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
logo
Micrel Semiconductor
SY100EP16VS MICREL-SY100EP16VS Datasheet
475Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
logo
Arizona Microtek, Inc
AZ100EP16VS AZM-AZ100EP16VS_12 Datasheet
505Kb / 11P
   LVPECL Differential Receiver with Variable Output Swing
logo
Micrel Semiconductor
SY100EL16S MICREL-SY100EL16S Datasheet
87Kb / 5P
   5V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
logo
List of Unclassifed Man...
AZ100EL16VS ETC2-AZ100EL16VS_06 Datasheet
94Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com