データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCP1410 データシート(PDF) 5 Page - ON Semiconductor

部品番号 NCP1410
部品情報  250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1410 データシート(HTML) 5 Page - ON Semiconductor

  NCP1410_05 Datasheet HTML 1Page - ON Semiconductor NCP1410_05 Datasheet HTML 2Page - ON Semiconductor NCP1410_05 Datasheet HTML 3Page - ON Semiconductor NCP1410_05 Datasheet HTML 4Page - ON Semiconductor NCP1410_05 Datasheet HTML 5Page - ON Semiconductor NCP1410_05 Datasheet HTML 6Page - ON Semiconductor NCP1410_05 Datasheet HTML 7Page - ON Semiconductor NCP1410_05 Datasheet HTML 8Page - ON Semiconductor NCP1410_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NCP1410
http://onsemi.com
5
TYPICAL OPERATING CHARACTERISTICS
1.190
1.193
1.185
1.180
1.195
1.2
100
1.188
10
1.0
INPUT VOLTAGE AT OUT PIN, VOUT,/V
Figure 3. Reference Voltage vs. Output Current
Figure 4. Reference Voltage vs. Input Voltage
at OUT pin
1.212
1.5
2.0
5.0
OUTPUT CURRENT, ILOAD/mA
1.192
1.196
1.204
1000
1.183
1.208
VOUT = 3.3 V
L = 22
mH
CIN = 10 mF
COUT = 33 mF
CREF = 1.0 mF
TA = 25°C
2.5
3.0
3.5
4.0
IREF = 0 mA
N−FET (M1)
P−FET (M2)
CREF = 1.0 mF
TA = 25°C
Figure 5. Reference Voltage vs. Temperature
Figure 6. Switch ON Resistance vs. Temperature
Figure 7. LX Switch Maximum ON Time vs.
Temperature
Figure 8. Minimum Startup Battery Voltage vs.
Loading Current
0.6
0.8
0.4
0
1.8
0.2
1.190
1.192
1.188
1.184
1.194
AMBIENT TEMPERATURE, TA/°C
−40
−20
100
1.186
020
40
60
1.5
1.6
1.4
1.2
1.7
1.3
1.2
1.4
1.0
0.6
2.0
0
20
120
0.8
40
60
80
100
VIN = 1.8 V
VIN = 2.2 V
VIN = 3.0 V
1.188
4.5
5.5
IREF = 2.5 mA
80
VOUT = 3.3 V
CREF = 150 nF
IREF = 0 mA
1.0
1.2
1.4
1.6
−40
−20
100
020
40
60
80
AMBIENT TEMPERATURE, TA/°C
OUTPUT LOADING CURRENT, ILOAD/mA
AMBIENT TEMPERATURE, TA/°C
Without Schottky Diode
−40
−20
100
020
40
60
80
1.8
1.6
1.8
With Schottky Diode
(MBR0502)


同様の部品番号 - NCP1410_05

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP1410DMR2 ONSEMI-NCP1410DMR2 Datasheet
126Kb / 16P
   250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
December, 2001 ??Rev. 2
More results

同様の説明 - NCP1410_05

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP1410 ONSEMI-NCP1410 Datasheet
126Kb / 16P
   250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
December, 2001 ??Rev. 2
NCP1411 ONSEMI-NCP1411 Datasheet
133Kb / 14P
   Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector and Ring-Killer
October, 2004 ??Rev. 3
NCP1423 ONSEMI-NCP1423_14 Datasheet
184Kb / 14P
   Sync-Rect PFM Step-Up DC-DC Converter
October, 2014 ??Rev. 8
NCP1404 ONSEMI-NCP1404 Datasheet
49Kb / 8P
   350 mA PWM/PFM Step-Up DC-DC Converter with Low Battery Detector
June, 2002 ??Rev. 0
NCP1421 ONSEMI-NCP1421 Datasheet
116Kb / 14P
   600 mA Sync-Rect PFM Step-Up DC-DC Converter Step-Up DC-DC Converter with True-Cutoff and Ring-Killer
October, 2004 ??Rev. 6
logo
Holtek Semiconductor In...
HT7627 HOLTEK-HT7627 Datasheet
77Kb / 6P
   PFM Step-up DC/DC Converter & Voltage Detector
logo
ON Semiconductor
NCP1423 ONSEMI-NCP1423_V01 Datasheet
308Kb / 16P
   Boost Converter Sync-Rect, PFM, DC-DC, True-Cutoff, Ring-Killer 400 mA
August, 2019 - Rev. 8
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com