データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT90S8515 データシート(PDF) 67 Page - ATMEL Corporation

部品番号 AT90S8515
部品情報  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S8515 データシート(HTML) 67 Page - ATMEL Corporation

Back Button AT90S8515_01 Datasheet HTML 63Page - ATMEL Corporation AT90S8515_01 Datasheet HTML 64Page - ATMEL Corporation AT90S8515_01 Datasheet HTML 65Page - ATMEL Corporation AT90S8515_01 Datasheet HTML 66Page - ATMEL Corporation AT90S8515_01 Datasheet HTML 67Page - ATMEL Corporation AT90S8515_01 Datasheet HTML 68Page - ATMEL Corporation AT90S8515_01 Datasheet HTML 69Page - ATMEL Corporation AT90S8515_01 Datasheet HTML 70Page - ATMEL Corporation AT90S8515_01 Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 112 page
background image
67
AT90S8515
0841G–09/01
• AIN0 – Port B, Bit 2
AIN0: Analog Comparator Positive Input. When configured as an input (DDB2 is cleared
[zero]) and with the internal MOS pull-up resistor switched off (PB2 is cleared [zero]),
this pin also serves as the positive input of the On-chip Analog Comparator.
• T1 – Port B, Bit 1
T1: Timer/Counter1 counter source. See the timer description for further details
• T0 – Port B, Bit 0
T0: Timer/Counter0 counter source. See the timer description for further details.
Port B Schematics
Note that all port pins are synchronized. The synchronization latches are, however, not
shown in the figures.
Figure 46. Port B Schematic Diagram (Pins PB0 and PB1)
D
D
Q
Q
RESET
RESET
C
C
WD
WP
RD
MOS
PULL-
UP
PBn
R
R
WP:
WD:
RL:
RP:
RD:
WRITE PORTB
WRITE DDRB
READ PORTB LATCH
READ PORTB PIN
READ DDRB
DDBn
PORTBn
SENSE CONTROL
TIMERn CLOCK
SOURCE MUX
CSn2
CSn0
RL
RP
CSn1
n:
0,1


同様の部品番号 - AT90S8515_01

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
AT90S8515-4AC ATMEL-AT90S8515-4AC Datasheet
2Mb / 8P
   8-Bit Microcontroller with 8K bytes In-System Programmable Flash
AT90S8515-4AI ATMEL-AT90S8515-4AI Datasheet
2Mb / 8P
   8-Bit Microcontroller with 8K bytes In-System Programmable Flash
AT90S8515-4JC ATMEL-AT90S8515-4JC Datasheet
2Mb / 8P
   8-Bit Microcontroller with 8K bytes In-System Programmable Flash
AT90S8515-4JI ATMEL-AT90S8515-4JI Datasheet
2Mb / 8P
   8-Bit Microcontroller with 8K bytes In-System Programmable Flash
AT90S8515-4PC ATMEL-AT90S8515-4PC Datasheet
2Mb / 8P
   8-Bit Microcontroller with 8K bytes In-System Programmable Flash
More results

同様の説明 - AT90S8515_01

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com