データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT90S8515 データシート(PDF) 83 Page - ATMEL Corporation

部品番号 AT90S8515
部品情報  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S8515 データシート(HTML) 83 Page - ATMEL Corporation

Back Button AT90S8515_01 Datasheet HTML 79Page - ATMEL Corporation AT90S8515_01 Datasheet HTML 80Page - ATMEL Corporation AT90S8515_01 Datasheet HTML 81Page - ATMEL Corporation AT90S8515_01 Datasheet HTML 82Page - ATMEL Corporation AT90S8515_01 Datasheet HTML 83Page - ATMEL Corporation AT90S8515_01 Datasheet HTML 84Page - ATMEL Corporation AT90S8515_01 Datasheet HTML 85Page - ATMEL Corporation AT90S8515_01 Datasheet HTML 86Page - ATMEL Corporation AT90S8515_01 Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 112 page
background image
83
AT90S8515
0841G–09/01
Figure 62. Programming the Flash Waveforms (Continued)
Reading the Flash
The algorithm for reading the Flash memory is as follows (refer to “Programming the
Flash” for details on command and address loading):
1.
A: Load Command “0000 0010”.
2.
B: Load Address High Byte ($00 - $0F).
3.
C: Load Address Low Byte ($00 - $FF).
4.
Set OE to “0”, and BS to “0”. The Flash word low byte can now be read at DATA.
5.
Set BS to “1”. The Flash word high byte can now be read from DATA.
6.
Set OE to “1”.
Programming the EEPROM
The programming algorithm for the EEPROM data memory is as follows (refer to “Pro-
gramming the Flash” for details on command, address and data loading):
1.
A: Load Command “0001 0001”.
2.
(AT90S8515 only) B: Load Address High Byte ($00 - $01).
3.
C: Load Address Low Byte ($00 - $FF).
4.
D: Load Data Low Byte ($00 - $FF).
5.
E: Write Data Low Byte.
Reading the EEPROM
The algorithm for reading the EEPROM memory is as follows (refer to “Programming the
Flash” for details on command and address loading):
1.
A: Load Command “0000 0011”.
2.
(AT90S8515 only) B: Load Address High Byte ($00 - $01).
3.
C: Load Address Low Byte ($00 - $FF).
4.
Set OE to “0”, and BS to “0”. The EEPROM data byte can now be read at DATA.
5.
Set OE to “1”.
Programming the Fuse Bits
The algorithm for programming the Fuse bits is as follows (refer to “Programming the
Flash” for details on command and data loading):
1.
A: Load Command “0100 0000”.
2.
D: Load Data Low Byte. Bit n = “0” programs and bit n = “1” erases the Fuse bit.
DATA HIGH
DATA
XA1
XA0
BS
XTAL1
WR
RDY/BSY
RESET
+12V
OE


同様の部品番号 - AT90S8515_01

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
AT90S8515-4AC ATMEL-AT90S8515-4AC Datasheet
2Mb / 8P
   8-Bit Microcontroller with 8K bytes In-System Programmable Flash
AT90S8515-4AI ATMEL-AT90S8515-4AI Datasheet
2Mb / 8P
   8-Bit Microcontroller with 8K bytes In-System Programmable Flash
AT90S8515-4JC ATMEL-AT90S8515-4JC Datasheet
2Mb / 8P
   8-Bit Microcontroller with 8K bytes In-System Programmable Flash
AT90S8515-4JI ATMEL-AT90S8515-4JI Datasheet
2Mb / 8P
   8-Bit Microcontroller with 8K bytes In-System Programmable Flash
AT90S8515-4PC ATMEL-AT90S8515-4PC Datasheet
2Mb / 8P
   8-Bit Microcontroller with 8K bytes In-System Programmable Flash
More results

同様の説明 - AT90S8515_01

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com