データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATMEGA64_0610 データシート(PDF) 29 Page - ATMEL Corporation

部品番号 ATMEGA64_0610
部品情報  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
Download  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64_0610 データシート(HTML) 29 Page - ATMEL Corporation

Back Button ATMEGA64_0610 Datasheet HTML 25Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 26Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 27Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 28Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 29Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 30Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 31Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 32Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 393 page
background image
29
ATmega64(L)
2490L–AVR–10/06
before G low (t
su) must not exceed address valid to ALE low (tAVLLC) minus PCB wiring
delay (dependent on the capacitive load).
Figure 12. External SRAM Connected to the AVR
Pull-up and Bus Keeper
The pull-ups on the AD7:0 ports may be activated if the corresponding Port Register is
written to one. To reduce power consumption in sleep mode, it is recommended to dis-
able the pull-ups by writing the Port Register to zero before entering sleep.
The XMEM interface also provides a Bus Keeper on the AD7:0 lines. The Bus Keeper
can be disabled and enabled in software as described in “XMCRB – External Memory
Control Register B” on page 34. When enabled, the Bus Keeper will ensure a defined
logic level (zero or one) on the AD7:0 bus when these lines would otherwise be tri-stated
by the XMEM interface.
Timing
External memory devices have different timing requirements. To meet these require-
ments, the ATmega64 XMEM interface provides four different wait states as shown in
Table 4. It is important to consider the timing specification of the external memory
device before selecting the wait-state. The most important parameters are the access
time for the external memory compared to the set-up requirement of the ATmega64.
The access time for the external memory is defined to be the time from receiving the
chip select/address until the data of this address actually is driven on the bus. The
access time cannot exceed the time from the ALE pulse is asserted low until data must
be stable during a read sequence (t
LLRL+ tRLRH - tDVRH in Table 137 to Table 144 on page
339). The different wait states are set up in software. As an additional feature, it is possi-
ble to divide the external memory space in two sectors with individual wait-state
settings. This makes it possible to connect two different memory devices with different
timing requirements to the same XMEM interface. For XMEM interface timing details,
please refer to Figure 159 to Figure 162, and Table 137 to Table 144.
Note that the XMEM interface is asynchronous and that the waveforms in the following
figures are related to the internal system clock. The skew between the internal and
external clock (XTAL1) is not guaranteed (varies between devices, temperature, and
supply voltage). Consequently the XMEM interface is not suited for synchronous
operation.
D[7:0]
A[7:0]
A[15:8]
RD
WR
SRAM
DQ
G
AD7:0
ALE
A15:8
RD
WR
AVR


同様の部品番号 - ATMEGA64_0610

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATMEGA64 ATMEL-ATMEGA64_06 Datasheet
297Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results

同様の説明 - ATMEGA64_0610

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644_0702 ATMEL-ATMEGA644_0702 Datasheet
4Mb / 374P
   8-bit Microcontroller with 64K Bytes In- System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_09 Datasheet
659Kb / 25P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
AT89LP6440 ATMEL-AT89LP6440 Datasheet
5Mb / 194P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_09 Datasheet
618Kb / 21P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644 ATMEL-ATMEGA644_07 Datasheet
335Kb / 22P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_1 Datasheet
8Mb / 392P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_06 Datasheet
297Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64 Datasheet
190Kb / 20P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com