データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATMEGA64_0610 データシート(PDF) 33 Page - ATMEL Corporation

部品番号 ATMEGA64_0610
部品情報  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
Download  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64_0610 データシート(HTML) 33 Page - ATMEL Corporation

Back Button ATMEGA64_0610 Datasheet HTML 29Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 30Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 31Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 32Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 33Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 34Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 35Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 36Page - ATMEL Corporation ATMEGA64_0610 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 393 page
background image
33
ATmega64(L)
2490L–AVR–10/06
• Bit 1 and Bit 6 MCUCR – SRW11, SRW10: Wait State Select Bits for Upper
Sector
The SRW11 and SRW10 bits control the number of wait states for the upper sector of
the external memory address space, see Table 4.
• Bit 3..2 – SRW01, SRW00: Wait State Select Bits for Lower Sector
The SRW01 and SRW00 bits control the number of wait states for the lower sector of
the external memory address space, see Table 4.
Note:
1. n = 0 or 1 (lower/upper sector).
For further details of the timing and wait states of the External Memory Interface, see
Figure 13 to Figure 16 how the setting of the SRW bits affects the timing.
• Bit 0 – Res: Reserved Bit
This is a reserved bit and will always read as zero. When writing to this address location,
write this bit to zero for compatibility with future devices.
Table 3. Sector Limits with Different Settings of SRL2..0
SRL2
SRL1
SRL0
Sector Limits
0
0
0
Lower sector = N/A
Upper sector = 0x1100 - 0xFFFF
0
0
1
Lower sector = 0x1100 - 0x1FFF
Upper sector = 0x2000 - 0xFFFF
0
1
0
Lower sector = 0x1100 - 0x3FFF
Upper sector = 0x4000 - 0xFFFF
0
1
1
Lower sector = 0x1100 - 0x5FFF
Upper sector = 0x6000 - 0xFFFF
1
0
0
Lower sector = 0x1100 - 0x7FFF
Upper sector = 0x8000 - 0xFFFF
1
0
1
Lower sector = 0x1100 - 0x9FFF
Upper sector = 0xA000 - 0xFFFF
1
1
0
Lower sector = 0x1100 - 0xBFFF
Upper sector = 0xC000 - 0xFFFF
1
1
1
Lower sector = 0x1100 - 0xDFFF
Upper sector = 0xE000 - 0xFFFF
Table 4. Wait States
(1)
SRWn1
SRWn0
Wait States
0
0
No wait states
0
1
Wait one cycle during read/write strobe
1
0
Wait two cycles during read/write strobe
11
Wait two cycles during read/write and wait one cycle before driving out
new address


同様の部品番号 - ATMEGA64_0610

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATMEGA64 ATMEL-ATMEGA64_06 Datasheet
297Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results

同様の説明 - ATMEGA64_0610

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644_0702 ATMEL-ATMEGA644_0702 Datasheet
4Mb / 374P
   8-bit Microcontroller with 64K Bytes In- System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_09 Datasheet
659Kb / 25P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
AT89LP6440 ATMEL-AT89LP6440 Datasheet
5Mb / 194P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_09 Datasheet
618Kb / 21P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644 ATMEL-ATMEGA644_07 Datasheet
335Kb / 22P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_1 Datasheet
8Mb / 392P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_06 Datasheet
297Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64 Datasheet
190Kb / 20P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com