データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATTINY2313-20PU データシート(PDF) 47 Page - ATMEL Corporation

部品番号 ATTINY2313-20PU
部品情報  8-bit Microcontroller with 2K Bytes In-System Programmable Flash
Download  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY2313-20PU データシート(HTML) 47 Page - ATMEL Corporation

Back Button ATTINY2313-20PU Datasheet HTML 43Page - ATMEL Corporation ATTINY2313-20PU Datasheet HTML 44Page - ATMEL Corporation ATTINY2313-20PU Datasheet HTML 45Page - ATMEL Corporation ATTINY2313-20PU Datasheet HTML 46Page - ATMEL Corporation ATTINY2313-20PU Datasheet HTML 47Page - ATMEL Corporation ATTINY2313-20PU Datasheet HTML 48Page - ATMEL Corporation ATTINY2313-20PU Datasheet HTML 49Page - ATMEL Corporation ATTINY2313-20PU Datasheet HTML 50Page - ATMEL Corporation ATTINY2313-20PU Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 231 page
background image
47
ATtiny2313/V
2543I–AVR–04/06
Interrupts
This section describes the specifics of the interrupt handling as performed in
ATtiny2313. For a general explanation of the AVR interrupt handling, refer to “Reset and
Interrupt Handling” on page 14.
Interrupt Vectors in
ATtiny2313
Table 21. Reset and Interrupt Vectors
Vector
No.
Program
Address
Source
Interrupt Definition
1
0x0000
RESET
External Pin, Power-on Reset, Brown-out Reset,
and Watchdog Reset
2
0x0001
INT0
External Interrupt Request 0
3
0x0002
INT1
External Interrupt Request 1
4
0x0003
TIMER1 CAPT
Timer/Counter1 Capture Event
5
0x0004
TIMER1 COMPA
Timer/Counter1 Compare Match A
6
0x0005
TIMER1 OVF
Timer/Counter1 Overflow
7
0x0006
TIMER0 OVF
Timer/Counter0 Overflow
8
0x0007
USART0, RX
USART0, Rx Complete
9
0x0008
USART0, UDRE
USART0 Data Register Empty
10
0x0009
USART0, TX
USART0, Tx Complete
11
0x000A
ANALOG COMP
Analog Comparator
12
0x000B
PCINT
Pin Change Interrupt
13
0x000C
TIMER1 COMPB
Timer/Counter1 Compare Match B
14
0x000D
TIMER0 COMPA
Timer/Counter0 Compare Match A
15
0x000E
TIMER0 COMPB
Timer/Counter0 Compare Match B
16
0x000F
USI START
USI Start Condition
17
0x0010
USI OVERFLOW
USI Overflow
18
0x0011
EE READY
EEPROM Ready
19
0x0012
WDT OVERFLOW
Watchdog Timer Overflow


同様の部品番号 - ATTINY2313-20PU

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATTINY2313-20PU ATMEL-ATTINY2313-20PU Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
More results

同様の説明 - ATTINY2313-20PU

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
   8-Bit Microcontroller with 2K bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20 Datasheet
638Kb / 18P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20_11 Datasheet
5Mb / 224P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313 Datasheet
2Mb / 211P
   8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L_1 Datasheet
884Kb / 56P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L Datasheet
252Kb / 11P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com