データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SG3526 データシート(PDF) 5 Page - ON Semiconductor

部品番号 SG3526
部品情報  Pulse Width Modulation Control Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SG3526 データシート(HTML) 5 Page - ON Semiconductor

  SG3526_06 Datasheet HTML 1Page - ON Semiconductor SG3526_06 Datasheet HTML 2Page - ON Semiconductor SG3526_06 Datasheet HTML 3Page - ON Semiconductor SG3526_06 Datasheet HTML 4Page - ON Semiconductor SG3526_06 Datasheet HTML 5Page - ON Semiconductor SG3526_06 Datasheet HTML 6Page - ON Semiconductor SG3526_06 Datasheet HTML 7Page - ON Semiconductor SG3526_06 Datasheet HTML 8Page - ON Semiconductor SG3526_06 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SG3526
http://onsemi.com
5
Figure 2. Reference Stability over Temperature
Figure 3. Reference Voltage as a
Function Supply Voltage
Figure 4. Error Amplifier Open Loop
Frequency Response
Figure 5. Current Limit Comparator Threshold
Figure 6. Undervoltage Lockout Characteristic
Figure 7. Output Driver Saturation Voltage as a
Function of Sink Current
−75
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
50 mV
Spec
Limit
1.0
2.0
3.0 4.0 5.0
10
20
30 40
VCC, SUPPLY VOLTAGE (V)
1
2
3
+
_
10
100
1.0 k
10 k
100 k
1.0 M
10 M
100
pF
CComp
f, FREQUENCY (Hz)
25
50
75
100
125
150
175
200
DIFFERENTIAL INPUT VOLTAGE (mV)
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Vref, REFERENCE VOLTAGE (V)
2.0
5.0
10
20
50
100
200
OUTPUT DRIVER SINK CURRENT (mA)
5.0
4.0
3.0
2.0
1.0
80
60
40
20
0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
2.5
2.0
1.5
1.0
0.5
0


同様の部品番号 - SG3526_06

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
SG3526B MICROSEMI-SG3526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
SG3526B MICROSEMI-SG3526B Datasheet
309Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
SG3526BDW MICROSEMI-SG3526BDW Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
SG3526BDW MICROSEMI-SG3526BDW Datasheet
309Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
SG3526BJ MICROSEMI-SG3526BJ Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
More results

同様の説明 - SG3526_06

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL594 TI-TL594_07 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
   Pulse-Width-Modulation Control Circuit
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594 Datasheet
281Kb / 8P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594_15 Datasheet
380Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL5001 UTC-TL5001_15 Datasheet
323Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com