データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SG3526 データシート(PDF) 4 Page - ON Semiconductor

部品番号 SG3526
部品情報  Pulse Width Modulation Control Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SG3526 データシート(HTML) 4 Page - ON Semiconductor

  SG3526_06 Datasheet HTML 1Page - ON Semiconductor SG3526_06 Datasheet HTML 2Page - ON Semiconductor SG3526_06 Datasheet HTML 3Page - ON Semiconductor SG3526_06 Datasheet HTML 4Page - ON Semiconductor SG3526_06 Datasheet HTML 5Page - ON Semiconductor SG3526_06 Datasheet HTML 6Page - ON Semiconductor SG3526_06 Datasheet HTML 7Page - ON Semiconductor SG3526_06 Datasheet HTML 8Page - ON Semiconductor SG3526_06 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SG3526
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued)
Characteristics
Symbol
Min
Typ
Max
Unit
PWM COMPARATOR SECTION (Note 10)
Minimum Duty Cycle
(VCompensation = +0.4 V)
DCmin
0
%
Maximum Duty Cycle
(VCompensation = +3.6 V)
DCmax
45
49
%
DIGITAL PORTS (SYNC, SHUTDOWN, RESET)
Output Voltage
(High Logic Level) (Isource = 40 μA)
(Low Logic Level) (Isink = 3.6 mA)
VOH
VOL
2.4
4.0
0.2
0.4
V
Input Current ⎯ High Logic Level
(High Logic Level) (VIH = +2.4 V)
(Low Logic Level) (VIL = +0.4 V)
IIH
IIL
−125
−225
−200
−360
μA
CURRENT LIMIT COMPARATOR SECTION (Note 12)
Sense Voltage (RS ≤ 50 Ω)
Vsense
80
100
120
mV
Input Bias Current
IIB
−3.0
−10
μA
SOFT−START SECTION
Error Clamp Voltage (Reset = +0.4 V)
0.1
0.4
V
CSoft−Start Charging Current (Reset = +2.4 V)
ICS
50
100
150
μA
OUTPUT DRIVERS (Each Output, VC = +15 Vdc, unless otherwise noted.)
Output High Level
Isource = 20 mA
Isource = 100 mA
VOH
12.5
12
13.5
13
V
Output Low Level
Isink = 20 mA
Isink = 100 mA
VOL
0.2
1.2
0.3
2.0
V
Collector Leakage, VC = +40 V
IC(leak)
50
150
μA
Rise Time (CL = 1000 pF)
tr
0.3
0.6
μs
Fall Time (CL = 1000 pF)
tf
0.1
0.2
μs
Supply Current
(Shutdown = +0.4 V, VCC = +35 V, RT = 4.12 kΩ)
ICC
18
30
mA
10. fosc = 40 kHz (RT = 4.12 kΩ ± 1%, CT = 0.01 μF ± 1%, RD = 0 Ω)
11. 0 V ≤ VCM ≤ +5.2 V
12. 0 V ≤ VCM ≤ +12 V


同様の部品番号 - SG3526_06

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
SG3526B MICROSEMI-SG3526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
SG3526B MICROSEMI-SG3526B Datasheet
309Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
SG3526BDW MICROSEMI-SG3526BDW Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
SG3526BDW MICROSEMI-SG3526BDW Datasheet
309Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
SG3526BJ MICROSEMI-SG3526BJ Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
More results

同様の説明 - SG3526_06

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL594 TI-TL594_07 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
   Pulse-Width-Modulation Control Circuit
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594 Datasheet
281Kb / 8P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594_15 Datasheet
380Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL5001 UTC-TL5001_15 Datasheet
323Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com