データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC-155B2J1MUH データシート(PDF) 2 Page - Delta Electronics, Inc.

部品番号 LC-155B2J1MUH
部品情報  155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DELTA [Delta Electronics, Inc.]
ホームページ  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LC-155B2J1MUH データシート(HTML) 2 Page - Delta Electronics, Inc.

  LC-155B2J1MUH Datasheet HTML 1Page - Delta Electronics, Inc. LC-155B2J1MUH Datasheet HTML 2Page - Delta Electronics, Inc. LC-155B2J1MUH Datasheet HTML 3Page - Delta Electronics, Inc. LC-155B2J1MUH Datasheet HTML 4Page - Delta Electronics, Inc. LC-155B2J1MUH Datasheet HTML 5Page - Delta Electronics, Inc. LC-155B2J1MUH Datasheet HTML 6Page - Delta Electronics, Inc. LC-155B2J1MUH Datasheet HTML 7Page - Delta Electronics, Inc. LC-155B2J1MUH Datasheet HTML 8Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LC-155Bxxxxxx
DELTA ELECTRONICS, INC.
2
www.deltaww.com
Aug., 2006
Rev.:0D
Absolute Maximum Ratings
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Storage Temperature
Ts
-40
85
ºC
Lead Soldering Temperature
TSOLD
260
ºC
Lead Soldering Time
tSOLD
10
Sec.
Supply Voltage
VCC
0
5
V
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Data Rate
100
155.52
200
Mbps
Ambient Operating Temperature
TA
0
70
ºC
1
Supply Voltage
VCC
3.15
3.3
3.45
V
Note: See ordering information for detail
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Transmitter
Transmitter Data Input Voltage-Low
VIL-VCC
-1.81
-1.48
V
Transmitter Data Input Voltage-High
VIH-VCC
-1.16
-0.88
V
Transmitter Disable Input-High
VDISH
2
VCC+0.3
V
Transmitter Disable Input-Low
VDISL
0
0.8
V
Receiver
Data Output Voltage-Low
VOL-VCC
-1.95
-1.62
V
Data Output Voltage-High
VOH-VCC
-1.045
-0.74
V
SD Output Voltage-Low
VSDH-VCC
-1.95
-1.62
V
SD Output Voltage-High
VSDL-VCC
-1.05
-0.74
V
ECL Family
SD Output Voltage-Low
VSDH-VCC
0.8
V
SD Output Voltage-High
VSDL-VCC
2
V
LVTTL
Optical Characteristics
(Data Rate = 155.52Mbps, PRBS=2
23-1, NRZ, 9/125um SMF)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Transmitter
Supply Current
Icc
150
mA
-15
-8
Mean Launch Power
PO
-5
0
dBm
LC-155BxMxxxxx
Optical Extinction Ratio
E.R.
9
dB
Center Wavelength
λC
1280
1310
1340
nm
7.7
Spectral Width (RMS)
σ
3
nm
LC-155BxMxxxxx
Output Eye Diagram
Compliant with ITU-T recommendation G.957
Receiver
Supply Current
Icc
150
mA
-31
Sensitivity
PIN
-34
dBm
LC-155BxMxxxxx
-8
Overload
Pol
-10
dBm
LC-155BxMxxxxx
-31
Signal Detect-Asserted
PA
-34
dBm
LC-155BxMxxxxx
Signal Detect-DeAsserted
PD
-45
dBm
Signal Detect-Hysteresis
PA-PD
0.5
dB
Notes:The sensitivity should be tested at BER of 1×10
-10 or better with an input signal consisting of 155Mb/s,


同様の部品番号 - LC-155B2J1MUH

メーカー部品番号データシート部品情報
logo
Delta Electronics, Inc.
LC-155B2J1 DELTA-LC-155B2J1 Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LC-155B2J1T DELTA-LC-155B2J1T Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
More results

同様の説明 - LC-155B2J1MUH

メーカー部品番号データシート部品情報
logo
Delta Electronics, Inc.
LC-155B DELTA-LC-155B Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LC-155A2H1 DELTA-LC-155A2H1 Datasheet
146Kb / 8P
   155Mbps 2x5 SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B DELTA-OPT-155B Datasheet
108Kb / 5P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B1J1RA DELTA-OPT-155B1J1RA Datasheet
113Kb / 7P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155A1H1RA DELTA-OPT-155A1H1RA Datasheet
143Kb / 8P
   155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
List of Unclassifed Man...
OPT-155A2H1 ETC-OPT-155A2H1 Datasheet
102Kb / 5P
   155Mbps, 2Km, 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5961ALZ AVAGO-HFBR-5961ALZ Datasheet
418Kb / 13P
   Multimode Small Form Factor (SFF) Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC connector
logo
Delta Electronics, Inc.
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LC-200A4H1M DELTA-LC-200A4H1M Datasheet
116Kb / 8P
   2x5 Small Form Factor 1310nm Transceiver for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com