データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC-155B2M1MUH データシート(PDF) 8 Page - Delta Electronics, Inc.

部品番号 LC-155B2M1MUH
部品情報  155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DELTA [Delta Electronics, Inc.]
ホームページ  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LC-155B2M1MUH データシート(HTML) 8 Page - Delta Electronics, Inc.

  LC-155B2M1MUH Datasheet HTML 1Page - Delta Electronics, Inc. LC-155B2M1MUH Datasheet HTML 2Page - Delta Electronics, Inc. LC-155B2M1MUH Datasheet HTML 3Page - Delta Electronics, Inc. LC-155B2M1MUH Datasheet HTML 4Page - Delta Electronics, Inc. LC-155B2M1MUH Datasheet HTML 5Page - Delta Electronics, Inc. LC-155B2M1MUH Datasheet HTML 6Page - Delta Electronics, Inc. LC-155B2M1MUH Datasheet HTML 7Page - Delta Electronics, Inc. LC-155B2M1MUH Datasheet HTML 8Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LC-155Bxxxxxx
DELTA ELECTRONICS, INC.
8
www.deltaww.com
Aug., 2006
Rev.:0D
Order information:
LC-155Bx1x2x3x4x5x6x7
Power Supply Voltage and SD Level
X1
2:
4:
3.3V;Data In/Out(PECL)
;SD Output(PECL)
3.3V;Data In/Out(PECL)
;SD Output(TTL)
Effective Distance Grade
x2
J:
M:
15Km
40Km
Package type & coupling type
x3
1: 2X5LC DC/DC
RoHS
x4
Blank:
R:
Non-RoHS Compliant
RoHS Compliant
Housing Type
x5
Blank:
M:
MU:
Plastic Housing
Metal Housing
W/O Shielding
Performance
x6
Blank:
A:
Old Design
New Design
X7: Temperature
Blank:
H:
T:
0℃ to 70℃
-10℃ to 85℃
-40℃ to 85℃


同様の部品番号 - LC-155B2M1MUH

メーカー部品番号データシート部品情報
logo
Delta Electronics, Inc.
LC-155B2M1 DELTA-LC-155B2M1 Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LC-155B2M1T DELTA-LC-155B2M1T Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
More results

同様の説明 - LC-155B2M1MUH

メーカー部品番号データシート部品情報
logo
Delta Electronics, Inc.
LC-155B DELTA-LC-155B Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LC-155A2H1 DELTA-LC-155A2H1 Datasheet
146Kb / 8P
   155Mbps 2x5 SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B DELTA-OPT-155B Datasheet
108Kb / 5P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B1J1RA DELTA-OPT-155B1J1RA Datasheet
113Kb / 7P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155A1H1RA DELTA-OPT-155A1H1RA Datasheet
143Kb / 8P
   155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
List of Unclassifed Man...
OPT-155A2H1 ETC-OPT-155A2H1 Datasheet
102Kb / 5P
   155Mbps, 2Km, 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5961ALZ AVAGO-HFBR-5961ALZ Datasheet
418Kb / 13P
   Multimode Small Form Factor (SFF) Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC connector
logo
Delta Electronics, Inc.
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LC-200A4H1M DELTA-LC-200A4H1M Datasheet
116Kb / 8P
   2x5 Small Form Factor 1310nm Transceiver for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com